Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC023N03LF2S Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ISC023N03LF2S
Description  MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC023N03LF2S Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ISC023N03LF2S Datasheet HTML 4Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 5Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 6Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 7Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 8Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 9Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 10Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 11Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
StrongIRFET™ 2 Power‑Transistor, 30 V
ISC023N03LF2S
Public
Datasheet
8
Revision 1.1
https://www.infineon.com
2024‑11‑25
 
Diagram 5: Typ. output characteristics
Diagram 6: Typ. drain‑source on resistance
I =f( ),  =25 °C; parameter: 
V
T
V
R
=f( ),  =25 °C; parameter: 
I T
V
Diagram 7: Typ. transfer characteristics
Diagram 8: Typ. drain‑source on resistance
I =f( ), | |>2| |
; parameter: 
V
V
I R
T
R
=f( ),  =50 A; parameter: 
V
I
T
D
DS
j
GS
DS(on)
D
j
GS
D
GS
DS
D DS(on)max
j
DS(on)
GS
D
j
0.0
1.0
2.0
3.0
4.0
5.0
VDS [V]
0
100
200
300
400
500
600
3.5 V
4 V
4.5 V
5 V
6 V
10 V
0
50
100
150
200
250
300
ID [A]
1
2
3
4
5
6
3.5 V
4 V
4.5 V
5 V
6 V
10 V
0
1
2
3
4
5
6
7
VGS [V]
0
100
200
300
400
500
600
25 °C
175 °C
0
2
4
6
8
10
12
14
16
VGS [V]
1
2
3
4
5
6
25 °C
175 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com