Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC023N03LF2S Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC023N03LF2S
Description  MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC023N03LF2S Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC023N03LF2S Datasheet HTML 1Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 2Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 3Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 4Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 5Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 6Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 7Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 8Page - Infineon Technologies AG ISC023N03LF2S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Pin 1
2
3
4
4
3
2
1
5
6
7
8
5
6
7
8
Datasheet
1
Revision 1.1
https://www.infineon.com
2024‑11‑25
MOSFET
StrongIRFET™ 2 Power‑Transistor, 30 V
Features
Product validation
Qualified according to JEDEC Standard
Table 1        Key performance parameters
Parameter
Value
Unit
V
30
V
R
2.3
mΩ
I
150
A
Q
26
nC
Q  (0V..4.5V)
16
nC
PG‑TDSON‑8
Type / Ordering code
Package
Marking
Related links
ISC023N03LF2S
PG‑TDSON‑8
023N03F2
‑
Optimized for a wide range of applications
• 
N‑channel, logic level
• 
100% avalanche tested
• 
175°C rated
• 
Pb‑free lead plating; RoHS compliant
• 
Halogen‑free according to IEC61249‑2‑21
• 
DS
DS(on),max
D
oss
g
 
 
Public
ISC023N03LF2S
Final datasheet
Drain
Pin 5-8
Gate
Pin 4
Source
Pin 1-3
*1
*1: Internal body diode


Similar Part No. - ISC023N03LF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC022N10NM6 INFINEON-ISC022N10NM6 Datasheet
904Kb / 11P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
ISC025N08NM5LF INFINEON-ISC025N08NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 80 V
Rev. 2.0, 2023-06-06
ISC025N08NM5LF2 INFINEON-ISC025N08NM5LF2 Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET 2, 80 V
Rev. 2.1, 2023-11-08
ISC026N03L5S INFINEON-ISC026N03L5S Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 30 V
Rev.2.0,2020-02-25
logo
TECH PUBLIC Electronics...
ISC026N03L5S-TP TECHPUBLIC-ISC026N03L5S-TP Datasheet
1Mb / 3P
N-Channel 30V(D-S) Enhancement MOSFET
More results

Similar Description - ISC023N03LF2S

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KMDF2C03HD KEXIN-KMDF2C03HD Datasheet
57Kb / 3P
Power MOSFET 2 Am, 30 V
logo
Infineon Technologies A...
IPB009N03LG INFINEON-IPB009N03LG_16 Datasheet
1Mb / 11P
OptiMOS짧3 Power-Transistor, 30 V
Rev.2.0,2016-04-21
IRF250P224 INFINEON-IRF250P224 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF250P225 INFINEON-IRF250P225 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200P223 INFINEON-IRF200P223 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200S234 INFINEON-IRF200S234 Datasheet
1Mb / 18P
IR MOSFET - StrongIRFET?
V2.0 2017-6-30
IRF300P227 INFINEON-IRF300P227 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V2.0 2017-11-14
IRL60SC216 INFINEON-IRL60SC216 Datasheet
1Mb / 11P
StrongIRFET
Rev.2.2,2020-07-02
IQE030N06NM5CG INFINEON-IQE030N06NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com