Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC023N03LF2S Datasheet (PDF) - Infineon Technologies AG

ISC023N03LF2S Datasheet PDF - Infineon Technologies AG
Part # ISC023N03LF2S
Download  ISC023N03LF2S Download
File Size   1444.13 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V

ISC023N03LF2S Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC023N03LF2S Datasheet PDF - Infineon Technologies AG

Part # ISC023N03LF2S
Download  ISC023N03LF2S Click to download

File Size   1444.13 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V

ISC023N03LF2S Datasheet (HTML) - Infineon Technologies AG


ISC023N03LF2S Product details

Features
• Optimized for a wide range of applications
• N‑channel, logic level
• 100% avalanche tested
• 175°C rated
• Pb‑free lead plating; RoHS compliant
• Halogen‑free according to IEC61249‑2‑21




Similar Part No. - ISC023N03LF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC022N10NM6 INFINEON-ISC022N10NM6 Datasheet
904Kb / 11P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
ISC025N08NM5LF INFINEON-ISC025N08NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 80 V
Rev. 2.0, 2023-06-06
ISC025N08NM5LF2 INFINEON-ISC025N08NM5LF2 Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET 2, 80 V
Rev. 2.1, 2023-11-08
ISC026N03L5S INFINEON-ISC026N03L5S Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 30 V
Rev.2.0,2020-02-25
logo
TECH PUBLIC Electronics...
ISC026N03L5S-TP TECHPUBLIC-ISC026N03L5S-TP Datasheet
1Mb / 3P
N-Channel 30V(D-S) Enhancement MOSFET
More results


Similar Description - ISC023N03LF2S

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KMDF2C03HD KEXIN-KMDF2C03HD Datasheet
57Kb / 3P
Power MOSFET 2 Am, 30 V
logo
Infineon Technologies A...
IPB009N03LG INFINEON-IPB009N03LG_16 Datasheet
1Mb / 11P
OptiMOS짧3 Power-Transistor, 30 V
Rev.2.0,2016-04-21
IRF250P224 INFINEON-IRF250P224 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF250P225 INFINEON-IRF250P225 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200P223 INFINEON-IRF200P223 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200S234 INFINEON-IRF200S234 Datasheet
1Mb / 18P
IR MOSFET - StrongIRFET?
V2.0 2017-6-30
IRF300P227 INFINEON-IRF300P227 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V2.0 2017-11-14
IRL60SC216 INFINEON-IRL60SC216 Datasheet
1Mb / 11P
StrongIRFET
Rev.2.2,2020-07-02
IQE030N06NM5CG INFINEON-IQE030N06NM5CG Datasheet
1Mb / 12P
MOSFET OptiMOS™ 5 Power-Transistor, 60 V
Rev. 2.0, 2021-04-27
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com