Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5527TLX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5527TLX
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5527TLX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP5527TLX Datasheet HTML 1Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 2Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 3Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 4Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 5Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 6Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 7Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 8Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Connection Diagrams and Package Mark Information microSMD-30 package, 2.466 x
2.974 x 0.60 mm body size, 0.5 mm pitch NS Package Number TLA3011A (Continued)
Pin Descriptions
Pin
Name
Type
Description
D3
VDD1
P
Supply Voltage
A1
VDD2
P
Supply Voltage
F5
SW1
A
Boost Converter Switch
E5
SW2
A
Boost Converter Switch
D5
FB
A
Boost Converter Feedback
B5
LED1
O
LED1 Driver Output
A5
LED2
O
LED2 Driver Output
B4
LED3
O
LED3 Driver Output
A4
LED4
O
LED4 Driver Output
F2
FLASH
O
Flash LED Driver Output
F3
GNDC
G
Ground for Core Circuitry
D2
RT
A
Oscillator Frequency Setting
C1
VREF
A
Reference Voltage
B1
VDDA
P
Internal LDO
F4
GND_SW1
G
Boost Converter Ground
E4
GND_SW2
G
Boost Converter Ground
C5
GND_LED
G
LEDs 1 to 4 Driver Ground Connection
F1
GND_FLASH
G
Flash Driver Ground Connection
A2
IFLASH
A
Resistor for Flash Current Setting
D1
GNDA
G
Analog Ground Connection
C3
GND
G
Ground
E1
VDD_IO
P
Supply Voltage for Digital Interface
A3
NRST
DI
Low Active Reset
B3
SCL
DI
I
2C Compatible Interface Clock Signal
E2
SDA
OD
I
2C Compatible Interface Data Signal
E3
FLASH_SYNC
DI
FLASH LED Control
D4
T2
DO
Test Pin (Result)
C4
T1
DI
Test Pin (Clock)
C2
ASE1
AI
Audio Input
B2
ASE2
AI
Audio Input
A: Analog Pin D: Digital Pin G: Ground Pin P: Power Pin
I: Input Pin I/O: Input/Output Pin O: Output Pin OD: Open Drain Pin
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com