Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5527TLX Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5527TLX
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5527TLX Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP5527TLX Datasheet HTML 8Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 9Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 10Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 11Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 12Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 13Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 14Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 15Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Constant Current Sink Outputs LED1, LED2, LED3, LED4
LP5527 has four independent backlight/keypad LED drivers.
All the drivers are regulated constant current sinks. LED
currents are controlled by 8-bit current mode DACs. Every
driver can be controlled in two ways:
1.
Brightness control with constant current drivers
2.
Direct ON/OFF control. The current is pre-set by 8-bit
current mode DAC.
In addition, LED1 driver can be synchronized to audio input
signal amplitude.
By using brightness control user can set brightness of every
single LED by using 8-bit brightness control registers. If
analog audio is available on system the user can use audio
synchronization for synchronizing LED1 to the music. Direct
ON/OFF control is mainly for switching LEDs on and off.
LED Control Register (00 hex) has control bits for direct
on/off control of all the LEDs. Note that the LEDs have to be
turned on in order to control them with audio synchronization
(LED1 only) or brightness control.
The brightness is programmed as described in the following.
I
LED = n x (15 mA / 255)
where:
n = LED[7:0] (8-bit)
step = 15 mA / 255
≈ 0.05882 mA
For example if 13.2 mA is required for driver current:
n = 13.2 mA / (15 mA / 255)
≈ 224
224 = 1110 0000, E0 hex
LED1 to LED4 Brightness Control
LED1[7:0], LED2[7:0] LED3[7:0], LED4[7:0] Register
Driver Current, mA (typical)
0000 0000
0
0000 0001
0.059
0000 0010
0.118
••
1110 0000
13.176
••
1111 1110
14.941
1111 1111
15
LED1 TO LED4 DRIVERS ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for T
J =25
oC. Limits in boldface type apply over the operating ambient temperature range (-30oC
< T
A < +85
oC). Unless otherwise noted, specifications apply to the LP5527 Block Diagram with: V
IN = 3.6V, CIN =10µF, COUT1
=10µF, C
OUT2 =10µF, CVDDIO = 100 nF, CVREF = 100 nF, CVDDA = 4.7 µF, CVDD1 = 100 nF, CVDD2 = 100 nF, L1 = 4.7 µH. (Note
9)
Symbol
Parameter
Condition
Min
Typical
Max
Units
I
MAX
Maximum Sink Current
15
mA
I
LEAKAGE
Leakage Current
V
FB = 5.0V
0.03
µA
I
LED
Current Tolerance
I
SINK =13.2 mA (target value)
11.9
-10
13.2
14.5
+10
mA
%
I
MATCH
Sink Current Matching
Between LED 1 to 4
I
SINK =13.2 mA
1
%
V
SAT
Saturation Voltage
3.0V
≤ V
IN
≤ 5.5V, Current Decreased
to 95% of the Maximum Sink Current
150
230
mV
Note: Sink current matching is the maximum difference from the average.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com