Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5527TLX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5527TLX
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5527TLX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP5527TLX Datasheet HTML 2Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 3Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 4Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 5Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 6Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 7Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 8Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 9Page - National Semiconductor (TI) LP5527TLX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Modes of Operation
20184006
RESET:
In the reset mode all the internal registers are reset to the default values. Reset is entered always if input
NRST is LOW or internal Power On Reset (POR) is active. Power on reset will activate during the chip
startup or when the supply voltage V
DD2 falls below 1.5V. Once VDD2 rises above 1.5V, POR will inactivate
and the chip will continue to the STANDBY mode. NSTBY control bit is low after POR by default.
STANDBY:
The standby mode is entered if the register bit NSTBY is LOW and reset is not active. This is the low power
consumption mode, when all circuit functions are disabled. Registers can be written in this mode and the
control bits are effective immediately after start up.
STARTUP:
When NSTBY bit is written high, the internal startup sequence powers up all the needed internal blocks
(V
REF, Oscillator, etc.). To ensure the correct oscillator initialization, a 10 ms delay is generated by the
internal state-machine. If the chip temperature rises too high, the thermal shutdown (TSD) disables the chip
operation and startup mode is entered until no thermal shutdown event is present.
BOOST STARTUP: Soft-start for boost output is generated in the boost startup mode. The boost output is raised in a low current
PWM mode during the 10 ms delay generated by the state-machine. The boost startup is entered from
internal startup sequence if EN_BOOST is HIGH or from normal mode when EN_BOOST is written HIGH.
NORMAL:
During normal mode the user controls the chip using the Control Registers. The registers can be written in
any sequence and any number of bits can be altered in a register in one write.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com