Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LST Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LST
Description  Digital Video Level Shifter for dual mode DP signals w/ inverting buffer for HPD signal
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LST Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3VDP411LST Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
PS8906A
08/28/07
PI3VDP411LST
Digital Video Level Shifter for dual mode DP
signals w/ inverting buffer for HPD signal
Storage Temperature.....................................–65°C to +150°C
Supply Voltage to Ground Potential.............–0.5V to +5V
DC Input Voltage..........................................–0.5V to VDD
DC Output Current.......................................120mA
Power Dissipation.........................................1.0W
Note: Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Maximum Ratings (Above which useful life may be im-
paired. For user guidelines, not tested.)
Table 2: Signal Descriptions
Pin Name
Type
Description
OE#
5.5V tolerant low-voltage
single-ended input
Enable for level shifter path
OE#
IN_D Termination OUT_D Outputs
1
>100KΩ
High-Z
050Ω
Active
IN_D4+
Differential input
Low-swing diff input from GMCH PCIE outputs.
IN_D4+ makes a differential pair with IN_D4–.
IN_D4–
Differential input
Low-swing diff input from GMCH PCIE outputs.
IN_D4– makes a differential pair with IN_D4+.
IN_D3+
Differential input
Low-swing diff input from GMCH PCIE outputs.
IN_D3+ makes a differential pair with IN_D3–.
IN_D3–
Differential input
Low-swing diff input from GMCH PCIE outputs.
IN_D3– makes a differential pair with IN_D3+.
IN_D2+
Differential input
Low-swing diff input from GMCH PCIE outputs.
IN_D2+ makes a differential pair with IN_D2–.
IN_D2–
Differential input
Low-swing diff input from GMCH PCIE outputs.
IN_D2– makes a differential pair with IN_D2+.
IN_D1+
Differential input
Low-swing diff input from GMCH PCIE outputs.
IN_D1+ makes a differential pair with IN_D1–.
IN_D1–
Differential input
Low-swing diff input from GMCH PCIE outputs.
IN_D1– makes a differential pair with IN_D1+.
OUT_D4+
TMDS Differential output
HDMI 1.3 compliant TMDS output. OUT_D4+
makes a differential output signal with OUT_D4–.
OUT_D4–
TMDS Differential output
HDMI 1.3 compliant TMDS output. OUT_D4–
makes a differential output signal with OUT_D4+.
OUT_D3+
TMDS Differential output
HDMI 1.3 compliant TMDS output. OUT_D3+
makes a differential output signal with OUT_D3–.
OUT_D3–
TMDS Differential output
HDMI 1.3 compliant TMDS output. OUT_D3–
makes a differential output signal with OUT_D3+.
07-0191



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com