Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LST Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LST
Description  Digital Video Level Shifter for dual mode DP signals w/ inverting buffer for HPD signal
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LST Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LST Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
PS8906A
08/28/07
PI3VDP411LST
Digital Video Level Shifter for dual mode DP
signals w/ inverting buffer for HPD signal
Symbol
Parameter
Min
Nom
Max
Units Comments
VH
Single-ended
high level output
voltage
AVCC-10mV
AVCC
AVCC+10mV
V
AVCC is the DC termina-
tion voltage in the HDMI
or DVI Sink. AVCC is
nominally 3.3V
VL
Single-ended
low level output
voltage
AVCC-600mV AVCC-500mV AVCC-400mV
V
The open-drain output
pulls down from AVcc.
VSWING
Single-ended
output swing
voltage
450mV
500mV
600mV
V
Swing down from TMDS
termination voltage (3.3V
± 10%)
IOFF
Single-ended
current in high-Z
state
10
μA
Measured with
TMDS outputs pulled
up to AVCC Max
(3.6V)through 50
Ω resis-
tors.
TR
Rise time
125ps
0.4Tbit
ps
Max Rise/Fall time
@2.7Gbps = 148ps.
125ps = 148-15%
TF
Fall time
125ps
0.4Tbit
ps
Max Rise/Fall time
@2.7Gbps = 148ps.
125ps = 148-15%
TSKEW-INTRA Intra-pair
differential skew
30
ps
This differential skew
budget is in addition to
the skew presented be-
tween D+ and D- paired
input pins. HDMI revision
1.3 source allowable in-
tra-pair skew is 0.15Tbit.
TSKEW-INTER Inter-pair lane-
to-lane output
skew
100
ps
This lane-to-lane skew
budget is in addition to
skew between differential
input pairs
TJIT
Jitter added to
TMDS signals
25
ps
Jitter budget for TMDS
signals as they pass
through the level
shifter. 25ps = 0.056
Tbit at 2.25 Gb/s
TMDS Outputs
The level shifter's TMDS outputs are required to meet HMDI 1.3 specifications.
The HDMI 1.3 Specification is assumed to be the correct reference in instances where this document conflicts
with the HDMI 1.3 specification.
Table 6: Differential Output Characteristics for TMDS_OUT signals
07-0191



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com