Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LST Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LST
Description  Digital Video Level Shifter for dual mode DP signals w/ inverting buffer for HPD signal
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LST Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LST Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LST Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
PS8906A
08/28/07
PI3VDP411LST
Digital Video Level Shifter for dual mode DP
signals w/ inverting buffer for HPD signal
Electrical Characteristics
Table 3: Power Supplies and Temperature Range
Symbol
Parameter
Min
Nom
Max
Units
Comments
VCC3V
3.3V Power
Supply
3.0
3.3
3.6
V
ICC
Max Current
100
mA
Total current from
VCC 3.3V supply
when de-emphasis/
pre-emphasis is set to
0dB.
TCASE
Case tempera-
ture range for
operation with
spec.
-10
50
Celcius
Table 4: OE Description
OE#
Device State
Comments
Asserted (low voltage)
Differential input buffers and output
buffers enabled. Input impedance =
50Ω
Normal functioning state for IN_D
to OUT_D level shifting function.
Unasserted (high voltage)
Low-power state.
Differential input buffers and ter-
mination are disabled. Differential
inputs are in a high-impedance state.
OUT_D level-shifting outputs are
disabled.
OUT_D level-shifting outputs are in
high-impedence state.
Internal bias currents are turned off.
Intended for lowest power condi-
tion when:
•
No display is plugged in or
•
The level shifted data path is
disabled
HPD_SINK input and HPD_SOURCE
output are not affected by OE# SCL_
SOURCE, SCL_SINK, SDA_SOURCE
and SDA_SINK signals and functions are
not affected by OE#
07-0191



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com