Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7635 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7635
Description  TOUCH CONTROL HALOGEN LAMP DIMMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7635 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7635 Datasheet HTML 1Page - LSI Computer Systems LS7635 Datasheet HTML 2Page - LSI Computer Systems LS7635 Datasheet HTML 3Page - LSI Computer Systems LS7635 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The differences among all versions of LS7634 and LS7635 are:
LS7634 (LS7634FO)
Upon power-up, the TRIG output is Off.
(Upon power-up, the TRIG output is On at maximum conduction angle.)
When a LONG touch is applied, the dimming direction automatically re-
verses whenever maximum or minimum conduction angles are reached.
LS7635 (LS7635FO)
Upon power-up, the TRIG output is Off.
(Upon power-up, the TRIG output is On at maximum conduction angle.)
When a LONG touch is applied, the dimming stops whenever maximum
or minimum conduction angles are reached. In order to change dimming
levels from maximum or minimum, LONG touch must be removed and
reapplied.The purpose of this feature is to allow the user to positively
locate maximum and minimum conduction angles.
TABLE 1
MODE
SHORT TOUCH
LONG TOUCH
DIMMING
REVERSAL
PRE-TOUCH Ø
POST-TOUCH Ø
PRE-TOUCH Ø
POST-TOUCH Ø
(Note 5)
OFF
MAX(Note 1)
OFF/MIN
Varies up from MIN
N/A
0
ON
OFF
MAX
Varies down from MAX
N/A
INTERMEDIATE
Varies from INTERMEDIATE
NO
OFF
MEMORY
OFF
Varies from memory (Notes 2, 3,4)
YES
1
(Notes 2, 3)
MIN
Varies up from MIN
N/A
ON
OFF
MAX
Varies down from MAX
N/A
INTERMEDIATE
Varies from INTERMEDIATE
YES
OFF
MAX (Note 1)
OFF/MIN
Varies up from MIN
N/A
2
ON
OFF
MAX
Varies down from MAX
N/A
INTERMEDIATE
Varies from INTERMEDIATE
YES
Note 1:
A soft turn-on is produced by slewing up the conduction angle, ø, from minimum at the rate of 1.4
˚/8.33ms (60Hz).
Note 2:
A soft turn-on is produced by slewing up ø, from minimum to memory.
Upon power-up the memory value is defaulted to maximum conduction angle.
Note 3:
“Memory” refers to the conduction angle, ø, which existed prior to the current off-state.
Note 4:
A soft turn-on is produced by slewing up ø from minimum to memory upon which the dimming is started.
Note 5:
NO = Dimming direction does not reverse from prior dimming direction.
YES = Dimming direction does reverse from prior dimming direction. N/A = Does not apply.
7634/7635-010906-2
LS7635 NOTE:
If the User applies a LONG Touch when the TRIG Conduc-
tion Angle is within a “few” degrees of Maximum or Mini-
mum, the TRIG Conduction Angle can move to Maximum or
Minimum and stop without the User being able to observe a
change in brightness. There-fore, the User should be in-
structed that if no change in brightness is observed in re-
sponse to a LONG Touch, the LONG Touch should be re
moved and reapplied in order to produce a change in bright-
ness.
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VDD - Vss
+7
V
Any input voltage
VIN
Vss - 0.3 to VDD + 0.3
V
Operating temperature
TA
0 to +90
°C
Storage temperature
TSTG
-65 to +150
°C
DC ELECTRICAL CHARACTERISTICS:
(TA = +25˚C, all voltages referenced to Vss. VDD = +5V unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
Supply voltage
VDD
4.5
5.0
5.5
V
-
Supply current
IDD
-
300
400
µA
Output unloaded
VDD = 5.5V
SYNC Lo
VISL
-
-
2.1
V
-
SYNC Hi
VISH
2.9
-
-
V
-
EXT, SENS Lo
VIEL
-
-
1.5
V
-
EXT, SENS Hi
VIEH
3.5
-
-
V
-
TRIG Lo
VOL
-
0.2
-
V
-
TRIG Hi
VOH
-
5.0
-
V
-
TRIG Sink Current
ITSNK
35
-
-
mA
VOTRIG = 2.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com