Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7635 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7635
Description  TOUCH CONTROL HALOGEN LAMP DIMMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7635 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7635 Datasheet HTML 1Page - LSI Computer Systems LS7635 Datasheet HTML 2Page - LSI Computer Systems LS7635 Datasheet HTML 3Page - LSI Computer Systems LS7635 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIMING CHARACTERISTICS (See Figures 2, 3 and 4):
PARAMETER
SYMBOL
MIN
TYP
MAX
UNI T
CONDITION
SYNC Frequency
fs
40
-
70
Hz
-
SHORT Touch
TSI
42
-
333
ms
60Hz
TSI
50
-
400
ms
50Hz
LONG Touch
TS2
342
-
infinite
ms
60Hz
TS2
410
-
infinite
ms
50Hz
TRIG pulse width (see Note 5)
Tw
-
130
-
µs
60Hz
Tw
-
156
-
µs
50Hz
Conduction Angle
ø
50
-
154
deg
-
ø incremental steps
∆ø
-
1.4
-
deg
-
(Note 1)
Soft-on slew rate
SS
-
1.4
-
deg/8.33ms
60Hz
SS
-
1.4
-
deg/10ms
50Hz
A0 to A1/A2 to A0 slew rate
SAA
-
1.4
-
deg/33.3ms
60Hz
(Note 2)
SAA
-
1.4
-
deg/40ms
50Hz
A1 to B1/B2 to A2 slew rate
SBA
-
1.4
-
deg/66.7ms
60Hz
(Note 3)
SBA
-
1.4
-
deg/80ms
50Hz
B1 to B2 delay
TBD
-
500
-
ms
60Hz
(Note 4)
TBD
-
600
-
ms
50Hz
Note 1: Total number of steps = 77.
Note 2: Number of steps from A0 to A1, or A2 to A0 = 55.
Note 3: Number of steps from A1 to B1 or B2 to A2 = 21.
Note 4: ø is at minimum between B1 and B2. TBD is applicable for LS7634 only.
For LS7635 when minimum ø is reached, dimming direction reverses only if the LONG Touch is terminated and reapplied.
Note 5: TW = 488us (60Hz), 586us (50Hz) available. Contact factory for details.
7634/7635-071406-3
FIGURE 3. LS7634 TRIG, Ø vs TOUCH (SENS OR EXT)
ø
TRIG
SYNC
TW
FIGURE 2. TRIG OUTPUT CONDUCTION ANGLE, Ø
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
150º
100º
50º
OFF
150º
100º
50º
OFF
150º
100º
50º
OFF
Ø
MODE Ø
Ø
MODE 1
Ø
MODE 2
SENS
TS1
TS2
342ms
SHORT
SHORT
LONG
SHORT
LONG
SHORT
LONG
A2
B2
B1
A1
A0
A2
B2
B1
A2
B2
B1
A1
A0
A0
A0
A1
A2
A2
SLOPE = SBA
MEMORY
REVERSE
REVERSE
SLOPE = Ss
SLOPES = S AA
B2
B2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com