Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7635 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7635
Description  TOUCH CONTROL HALOGEN LAMP DIMMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7635 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7635 Datasheet HTML 1Page - LSI Computer Systems LS7635 Datasheet HTML 2Page - LSI Computer Systems LS7635 Datasheet HTML 3Page - LSI Computer Systems LS7635 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TOUCH CONTROL HALOGEN LAMP DIMMER
FEATURES:
• Touch or pushbutton control of incandescent lamps
and transformer-coupled halogen lamps
• Works with Magnetic or ElectronicTransformers
• Automatic Safety Shutdown
• Three operating modes
• Extension input for remote activation
• 50Hz/60Hz AC line frequency
• +5V Power Supply (VDD - VSS)
• LS7634, LS7635 (DIP); LS7634-S, LS7635-S (SOIC);
LS7634FO, LS7635FO (DIP);
LS7634FO-S, LS7635FO-S (SOIC)
- See Figure 1 -
APPLICATIONS:
Electronic dimmers for wall switch control of ceiling mounted
lighting, foot switch control of large floor lamps and hand switch
control of table lamps.
BACKGROUND AND GENERAL DESCRIPTION:
A typical electronic dimmer may not operate properly with the in-
ductive load encountered when driving a transformer-coupled
low-voltage halogen lamp. The inductive load can cause a
phenomenon called half-waving, wherein the triac fires in al-
ternate half-cycles only, which may lead to the thermal de-
struction of the load transformer. The problems encountered in
driving an inductive load are addressed by the LS7634/LS7635
family of CMOS ICs as follows:
1. Delayed triac cut-off.
When a trigger pulse is due to occur at a conduction
angle which coincides with the on-state of the triac, the
trigger pulse is delayed until the triac has turned off. This
eliminates the underlying cause of half-waving.
2. Delayed triac turn-on and safety shutdown
With inductive loads, the holding current needed to maintain
the triac On-State, may seriously lag behind the gate trigger
signal causing the triac to turn off prematurely. If the
frequency of occurrences of the delayed turn-on exceeds
a preset threshold, a shutdown is initiated by turning
off the triac trigger pulses. The safety-shutdown threshold
value is accumulated in a 4-bit Up/Down counter.
The count increments for every occurrence of delayed
turn-on and decrements once every 8 SYNC pulses
(AC line cycles). The counter will not decrement below zero.
If the count reaches 15, the safety-shut-down is effected.
INPUT/OUTPUT DESCRIPTION:
VDD (Pin 1) Supply voltage positive terminal.
Vss (Pin 7) Supply voltage negative terminal.
MODE (Pin 2) - See Table 1
All variations of LS7634 and LS7635 can operate in 3 different
modes. The 3-state MODE input selects the operating modes:
Vss = Mode 0; Float = Mode 1; VDD = Mode 2
SYNC (Pin 4) - See Figure 6
The AC line frequency is applied to this input. All internal timings
are synchronized to the AC. The Load On/Off status information
is also derived from this input.
SENS (Pin 5) - See Table 1
A Logic 0 applied to this input alters the TRIG output either by
turning it on, turning it off or by changing its conduction angle.
Specifically which action takes place is dependent on the type of
activation of the SENS input, namely SHORT or LONG touch
and the prior state of TRIG output.
EXT (Pin 6)
Same functionality as the SENS input, except that a Logic 1 is the
active level at this input. EXT input is intended to be operated
from a remote site with long cable connection, when noise can be
expected. The sampling method used at this input makes it less
sensitive to noise.
TRIG (Pin 8)
The TRIG output is a low level pulse occurring once every half-
cycle of the AC and is intended to drive the gate of a triac in se-
ries with the load. The conduction angle, ø, of the TRIG pulse can
be varied by means of LONG and SHORT touches at either the
SENS or the EXT input.
Test (Pin 3)
For factory use only.
September 2006
7634/7635-090606-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
UL
®
A3800
LS7634 LS7635
LS7634FO LS7635FO
1
2
3
4
8
7
6
5
V SS (-V )
EXT
V DD (+V )
MODE
SYNC
FIGURE 1
TRIG
SENS
PIN ASSIGNMENT - TOP VIEW
TEST


Similar Part No. - LS7635

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7632 LSI-LS7632 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7636 LSI-LS7636 Datasheet
220Kb / 7P
REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
More results

Similar Description - LS7635

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7237 LSI-LS7237 Datasheet
43Kb / 4P
TOUCH CONTROL LAMP STEP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7636 LSI-LS7636 Datasheet
220Kb / 7P
REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com