Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7840CV Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MCS7840CV
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840CV Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MCS7840CV Datasheet HTML 9Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 10Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 11Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 12Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 13Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 14Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 15Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 16Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Rev.
1.2
Page 13
Interrupt Status Register (ISR):
The source of the highest priority pending interrupt is indicated by the contents of the Interrupt Status
Register. There are five sources of interrupts and four levels of priority (1 is the highest) as tabulated below:
Register:
ISR
Description:
Interrupt Status Register
Offset:
2
Permissions:
Read
Access Condition:
Default Value:
0x00
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
FIFOs Enabled
Interrupt Priority
(Enhanced Mode)
Interrupt Priority
(All Modes)
Interrupt
Pending
Interrupt
Source and Priority
Table
Priority Level
Interrupt Source
ISR[5:0]
-
No interrupt pending
6’b000001
1
Receiver Status Error
or address bit detected in 9-bit mode
6’b000110
2a
Receiver Data Available
6’b000100
2b
Receiver Time-Out
6’b001100
3
Transmitter THR Empty
6’b000010
4
Modem Status Change
6’b000000
Note: ISR[0] indicates whether any interrupt is pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com