Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7840CV Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MCS7840CV
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840CV Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MCS7840CV Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 4Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 5Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 6Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 7Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 8Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 9Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Page 6
Rev.
1.2
Pin
Name
Type
Functional Description
47
RTS_2_N
Output
Serial Port 2 Request To Send (in serial protocol),
active low.
48
RXD_2
Input
Serial Port 2 Serial Receive Data in from transceiver
or IrDA data in from IrDA detector.
49
GND
K
Power
Core Ground.
50
EXT_CLOCK
Input
Input Clock from external world. In normal operation
mode, clock can be supplied to serial ports and used
for custom BAUD Rate of user’s choice. In test mode,
clock will be the test clock input from external world.
51
Vcc
3IO
Power
Power Pin (D3V3).
52
RI_2_N
Input
Serial Port 2 Ring Indicator, active low.
53
DSR_2_N
Input
Serial Port 2 Data Set Ready (in serial protocol), active
low.
54
DCD_2_N
Input
Serial Port 2 Data Carrier Detect (in serial protocol),
active low.
55
CTS_2_N
Input
Serial Port 2 Clear To Send (in serial protocol), active
low.
56
TXD_3
Output
Serial Port 3 Transmit Data out to transceiver, or IrDA
data out to IR LED.
57
DTR_3_N
Output
Serial Port 3 Data Terminal Ready (in serial protocol),
active low.
58
RTS_3_N
Output
Serial Port 3 Request To Send (in serial protocol),
active low.
59
RXD_3
Input
Serial Port 3 Serial Receive Data in from transceiver,
or IrDA data in from IrDA detector.
60
RI_3_N
Input
Serial Port 3 Ring Indicator, active low.
61
DSR_3_N
Input
Serial Port 3 Data Set Ready (in serial protocol), active
low.
62
DCD_3_N
Input
Serial Port 3 Data Carrier Detect (in serial protocol),
active low.
63
CTS_3_N
Input
Serial Port 3 Clear To Send (in serial protocol), active
low.
64
Vcc
K
Power
Power Pin (1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com