Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS7840CV Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MCS7840CV
Description  USB-2.0 to Four Serial Ports
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCS7840CV Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MCS7840CV Datasheet HTML 17Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 18Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 19Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 20Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 21Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 22Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 23Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 24Page - List of Unclassifed Manufacturers MCS7840CV Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
MCS7840
USB-2.0 to Four Serial Ports
Rev.
1.2
Page 21
Configuration Options
Four serial ports can be configured for operation.
To program and access the serial ports via software, endpoint numbers have been assigned so that serial
ports can be configured from the USB side.
Endpoint
Type
Function
Size (Bytes)
(USB-1.1 / USB-2.0)
0
Control Endpoint
Default Functionality
8 / 64
1
Bulk-In
Serial Port – 1
64 / 512
2
Bulk-Out
Serial Port – 1
64 / 512
3
Bulk-In
Serial Port – 2
64 / 512
4
Bulk-Out
Serial Port – 2
64 / 512
5
Bulk-In
Serial Port – 3
64 / 512
6
Bulk-Out
Serial Port – 3
64 / 512
7
Bulk-In
Serial Port – 4
64 / 512
8
Bulk-Out
Serial Port – 4
64 / 512
9
Interrupt
Status Endpoint
5 or 13 *
* Controlled by DCR1 bit-6
Serial Port Set/Get Commands
Vendor commands are the vendor specific USB setup commands. The purpose of the vendor commands is
to set/get the contents of the application registers. The following table provides information on the various
vendor specific commands.
Windex [7:0] is the register index from where data is to be read.
Brequest specifies whether to read or write.
•
0x0E = write to the application register
•
0x0D = read from the application register
Wvalue specifies the application number and data to be written (ww = data).
•
0x01ww is the application number for Serial Port-1
•
0x02ww is the application number for Serial Port-2
•
0x03ww is the application number for Serial Port-3
•
0x04ww is the application number for Serial Port-4
•
0x09ww is the application number for EEPROM Write/Read
•
0x00ww is the application number provided for accessing the Control Registers which control the
UARTs. It is possible to enable higher BAUD rates, and features like auto hardware flow control using
the Control Registers
Note: “N” in Wvalue and Register Name columns indicate the corresponding serial port number.
Windex is the offset of the register to read/write.
Wlength is the length of the data to read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com