Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7147 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7147
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7147 Datasheet HTML 35Page - Analog Devices AD7147 Datasheet HTML 36Page - Analog Devices AD7147 Datasheet HTML 37Page - Analog Devices AD7147 Datasheet HTML 38Page - Analog Devices AD7147 Datasheet HTML 39Page - Analog Devices AD7147 Datasheet HTML 40Page - Analog Devices AD7147 Datasheet HTML 41Page - Analog Devices AD7147 Datasheet HTML 42Page - Analog Devices AD7147 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
AD7147
Rev. 0 | Page 39 of 68
TYPICAL APPLICATION CIRCUITS
SCROLL
WHEEL
PLANE AROUND SENSORS CONNECTED TO ACSHIELD
BUTTON
BUTTON
BUTTON
BUTTON
1
CIN6
2
CIN7
3
CIN8
4
CIN9
5
CIN10
6
CIN11
GPIO
18
INT
17
CS
16
SCLK
15
SDI
14
SDO
13
AD7147
INT
SS
SCK
MOSI
MISO
VHOST
HOST WITH SPI
INTERFACE
VCC 2.7V TO 3.6V
1.8V
1μF TO 10μF
(OPTIONAL)
0.1μF
10nF
VDRIVE
2.2kΩ
SENSOR PCB
Figure 59. Typical Application Circuit with SPI Interface
1
CIN6
2
CIN7
3
CIN8
4
CIN9
5
CIN10
6
CIN11
GPIO
18
INT
17
ADD1
16
SCLK
15
ADD0
14
SDA
13
AD7147-1
INT
SCK
SDO
HOST WITH I2C
INTERFACE
2.2kΩ
2.2kΩ
2.2kΩ
BUTTON
BUTTON
BUTTON
2-WAY
SWITCH
VDRIVE
VDRIVE
VDRIVE
VCC 2.7V TO 3.6V
1μF TO 10μF
(OPTIONAL)
0.1μF
10nF
Figure 60. Typical Application Circuit with I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com