Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7147 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7147
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7147 Datasheet HTML 15Page - Analog Devices AD7147 Datasheet HTML 16Page - Analog Devices AD7147 Datasheet HTML 17Page - Analog Devices AD7147 Datasheet HTML 18Page - Analog Devices AD7147 Datasheet HTML 19Page - Analog Devices AD7147 Datasheet HTML 20Page - Analog Devices AD7147 Datasheet HTML 21Page - Analog Devices AD7147 Datasheet HTML 22Page - Analog Devices AD7147 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
AD7147
Rev. 0 | Page 19 of 68
Table 12. Proximity Control Registers (See Figure 33)
Bit Name
Length
(Bits)
Register Address
Description
FP_PROXIMITY_CNT
4
0x002 [7:4]
Calibration disable time in full power mode.
LP_PROXIMITY_CNT
4
0x002 [11:8]
Calibration disable time in low power mode.
FP_PROXIMITY_RECAL
8
0x004 [9:0]
Full power mode proximity recalibration time.
LP_PROXIMITY_RECAL
6
0x004 [15:10]
Low power mode proximity recalibration time.
PROXIMITY_RECAL_LVL
8
0x003 [7:0]
Proximity recalibration level. This value multiplied by 16 controls the
sensitivity of Comparator 2 (see Figure 33).
PROXIMITY_DETECTION_RATE
6
0x003 [13:8]
Proximity detection rate. This value multiplied by 16 controls the
sensitivity of Comparator 1 (see Figure 33).
CALIBRATION ENABLED
CALIBRATION DISABLED
PROXIMITY
DETECTION
(INTERNAL)
CALIBRATION
(INTERNAL)
12 3456789 10 11 12 13 14 15 16
CDC CONVERSION
SEQUENCE
(INTERNAL)
USER LEAVES
SENSOR AREA
USER APPROACHES
SENSOR
17 18 19 20 21 22 23 24
tCONV_FP
tCALDIS
Figure 29. Example of Full Power Mode Proximity Detection (FP_PROXIMITY_CNT = 1)
NOTES
1. SEQUENCE CONVERSION TIME
tCONV_LP = tCONV_FP + LP_CONV_DELAY.
2. PROXIMITY IS SET WHEN USER APPROACHES THE SENSOR, AT WHICH TIME THE INTERNAL CALIBRATION IS DISABLED.
3.
tCALDIS = (tCONV_LP × LP_PROXIMITY_CNT × 4).
CALIBRATION ENABLED
CALIBRATION DISABLED
PROXIMITY
DETECTION
(INTERNAL)
CALIBRATION
(INTERNAL)
tCALDIS
tCONV_LP
12 3456789 10 11 12 13 14 15 16
CDC CONVERSION
SEQUENCE
(INTERNAL)
USER LEAVES
SENSOR AREA
USER APPROACHES
SENSOR
17 18 19 20 21 22 23 24
Figure 30. Example of Low Power Mode Proximity Detection (LP_PROXIMITY_CNT = 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com