Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7147 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7147
Description  CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7147 Datasheet HTML 5Page - Analog Devices AD7147 Datasheet HTML 6Page - Analog Devices AD7147 Datasheet HTML 7Page - Analog Devices AD7147 Datasheet HTML 8Page - Analog Devices AD7147 Datasheet HTML 9Page - Analog Devices AD7147 Datasheet HTML 10Page - Analog Devices AD7147 Datasheet HTML 11Page - Analog Devices AD7147 Datasheet HTML 12Page - Analog Devices AD7147 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
AD7147
Rev. 0 | Page 9 of 68
TYPICAL PERFORMANCE CHARACTERISTICS
935
795
2.6
3.7
VCC (V)
915
895
875
855
835
815
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
DECIMATION = 256
DECIMATION = 128
DECIMATION = 64
Figure 7. Supply Current vs. Supply Voltage
180
0
2.5
3.7
VCC (V)
160
140
120
100
80
60
40
20
200ms
400ms
600ms
800ms
2.7
2.9
3.1
3.3
3.5
Figure 8. Low Power Supply Current vs. Supply Voltage,
Decimation Rate = 256
0.12
0
2.5
3.7
VCC (V)
0.10
0.08
0.06
0.04
0.02
400ms
800ms
600ms
200ms
2.72.93.13.33.5
Figure 9. Low Power Supply Current vs. Supply Voltage,
Decimation Rate = 128
70
0
VCC (V)
60
50
40
30
20
10
600ms
800ms
200ms
400ms
2.5
3.7
2.7
2.9
3.1
3.3
3.5
Figure 10. Low Power Supply Current vs. Supply Voltage,
Decimation Rate = 64
2.5
0
2.7
VCC (V)
2.0
1.5
1.0
0.5
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Figure 11. Shutdown Supply Current vs. Supply Voltage
1150
900
0
ACSHIELD CAPACITIVE LOAD (pF)
1100
1050
1000
950
100
200
300
400
500
Figure 12. Supply Current vs. Capacitive Load on ACSHIELD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com