Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC802A
Description  SPECIFICATION OF SC802A
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC802A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC802A Datasheet HTML 1Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 2Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 3Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 4Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 5Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 6Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 7Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 8Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SC802A
VER2.1
Akihabara Inc. www.akiba-tech.com
Page 4 of 4
4. Electrical characteristics
a) DC characteristics
a.1) DC CHARACTERISTICS (TA =25 °C, VDD = 2.7 to 4.5V)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Input High Voltage
VIm
0.7VDD
-
VDD
V
Input Low Voltage
VlL
-0.3
0.55
V
Input High Current
IIh
-1.0
1.0
uA
Input Low Current
IlL
-5.0
-15
-30
uA
VDD = 3.0V
Output High Voltage
Voh
0.75VDD -
-
V
IOH
= - 0.1mA Pins: DB7-0
Output Low Voltage
VOL
-
-
0.2VDD v
|OL= 0.1mA Pins: DB7-0
LCD Voltage
Vlcd
3
4.5v
13
V
Operating Current
Idd
1.0
mA
Note: VDD = 3V
a.2) DC CHARACTERISTICS (TA = 25°C, VDD = 4.5 to 5.5V)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Input High Voltage
VIm
2.2
VDD
V
Input Low Voltage
VlL
-0.3
0.6
V
Input High Current
IIh
-2.0
2.0
uA
Input Low Current
IlL
-20
-50
-100
uA
VDD = 5.0V
Output High Voltage
Voh
2.4
-
VDD
V
IOH = - 0.1mA Pins: DB7-0
Output Low Voltage
VOL
-
-
0.4
V
IOL= 0.1mA Pins: DB7-0
LCD Voltage
Vlcd
3
4.5
13
V
Operating Current
Idd
1.0
mA
Note: VDD = 5V
b) AC characteristics
b.1) AC CHARACTERISTICS (TA = 25°C, VDD = 2.7 to 4.5V)
Write Mode (Writing data from MPU to LCD module)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
E Cycle Time
tc
1000
ns
PinE
E Pulse Width
tpw
450
-
-
ns
PinE
E Rise/Fall Time
tR,tF
-
-
25
ns
PinE
Address Setup Time
tsp-i
60
ns
Pins: RS, R/W, E
Address Hold Time
tHD1
20
ns
Pins: RS, R/W, E
Data Setup Time
tsP2
195
ns
Pins: DB7-0
Data Hold Time
tHD2
10
-
-
ns
Pins: DB7-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com