Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC802A
Description  SPECIFICATION OF SC802A
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC802A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SC802A Datasheet HTML 3Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 4Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 5Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 6Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 7Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 8Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 9Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 10Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SC802A
VER2.1
Akihabara Inc. www.akiba-tech.com
Page 7 of 7
b) Block Diagram
IR
I/O
B
U
F
F
E
R
LCD
Driving Circuit
P TO S registor
BUSY
FLAG
DR
CG RAM
CG
RAM
Cursor
and
blink
CKT.
COM
Driving
Circuit
DD RAM
AC
Timing Control Circuit
D
E
C
O
D
E
R
RS
R/W
E
D0-D3
D4-D7
VDD
VO
VSS
a. Data Register (DR): Dris a register used for temporary Storage of the data read/write form/into DD
RAM and CG RAM.
b. Instruction Register (IR): is a register available for storing the instruction codes and address
information of display data (DD) RAM and character generator (CG) RAM.
c. BUSY FLAG (BF): When the Busy Flag is “1”,it shows that LCM is in internal operation and it can
not accept the next instruction.
d. Character Generator (CG) ROM: This ROM Generates character pattern from 8-bit character code
and provides 192 character patterns.
e. Character Generator (CG)RAM: This RAM allows the user to rewrite the character patterns freely
according to the program.
f.
Address Counter (AC): This address counter is used to give the address information of DD RAM
and CG RAM.
g. Display Data (DD) RAM: This display data RAM is used to store the display data expressed by 8-bit
character code . The capacity is 80x 8bits and data for 80 characters can be storage.
h. Cursor and Blink Control Circuit: This circuit generates the cursor and blink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com