Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC802A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC802A
Description  SPECIFICATION OF SC802A
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC802A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SC802A Datasheet HTML 2Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 3Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 4Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 5Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 6Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 7Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 8Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 9Page - List of Unclassifed Manufacturers SC802A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SC802A
VER2.1
Akihabara Inc. www.akiba-tech.com
Page 6 of 6
TIMING CHARACTERISICS
DB 0 ~ DB 7
R/ W
RS
tr
th 1
ts u 2
tc
Va l i d Da t a
th 2
tw
tf
th 1
E
ts u 1
Write Timing
ts u
E
DB 0 ~ DB 7
R/ W
RS
tr
th
tc
V a lid D a ta
td
td h
tw
tf
th
Read Timing
5. Operating Principles
a) Pin description
Pin NO.
Symbol
Level
Function
1
VSS
0V
Ground
2
VDD
2.7V~5.5V
Supply voltage for logic
3
V0
Variable voltage for LCD
4
RS
H/L
H: Instruction code
L: Data
5
R/W
H/L
H: Read signal L: Write signal
6
E
H→L
enable signal
7
DB0
H/L
8
DB1
H/L
9
DB2
H/L
10
DB3
H/L
11
DB4
H/L
12
DB5
H/L
13
DB6
H/L
14
DB7
H/L
Data bits
In case of
4 bits instruction, data is
transferred by twice using only 4 buses of D4
– D7 ,and D0 – D3 are not used
,
first
operation is higher order
4 bits and
second
is
lower
4
bits of
8 bits ,
but in case
of
8
bits
instruction
, data
is
transferred by
data by
data bus
of
D0 –
D7
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com