Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R38 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45R38
Description  C/R to F Type 8-Bit OTP MCU
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R38 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45R38 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
HT45R38
Rev. 1.00
13
December 13, 2006
If the Crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift required for the oscillator. No other external compo-
nents are required. Instead of a crystal, a resonator can
also be connected between OSC1 and OSC2 to get a
frequency reference, but two external capacitors con-
nected between OSC1, OSC2 and ground are required,
if the oscillator frequency is less than 1MHz.
The WDT oscillator is a free running on-chip RC oscilla-
tor which requires no external components. Even if the
system enters the Power Down Mode, where the sys-
tem clock is stopped, the WDT oscillator will continue to
operate with a period of approximately 65
msat5V.The
WDT oscillator can be disabled by a configuration option
to conserve power.
Watchdog Timer
- WDT
The WDT clock can be sourced from its own dedicated
internal oscillator (WDT oscillator), or from the or in-
struction clock, which is the system clock divided by 4.
The choice is determined via a configuration option. The
WDT timer is designed to prevent a software malfunc-
tion or sequence from jumping to an unknown location
with unpredictable results. The Watchdog Timer can be
disabled by a configuration option. If the Watchdog
Timer is disabled, any executions related to the WDT re-
sult in no operation.
The WDT clock source is first divided by 256. If the inter-
nal WDT oscillator is used ,this gives a nominal time-out
period of approximately 17ms at 5V. This time-out pe-
riod may vary with temperatures, VDD and process vari-
ations. By using the WDT prescaler, longer time-out
periods can be realised. Writing data to the WS2, WS1,
WS0 bits in the WDTS register, can give different
time-out periods. If WS2, WS1, and WS0 are all equal to
1, the division ratio will be 1:128, and the maximum
time-out period will be 2.1s at 5V. If the internal WDT os-
cillator is disabled, the WDT clock may still come from
the instruction clock and operate in the same manner
except that in the Power Down state the WDT will stop
counting and lose its protecting purpose. In this situation
the logic can only be restarted by external logic. The
high nibble and bit 3 of the WDTS can be used for user
defined flags.
If the device operates in a noisy environment, using the
internal WDT oscillator is the recommended choice,
since the HALT instruction will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS (09H) Register
The WDT overflow under normal operation will generate
a
²chip reset² and set the status bit ²TO². But in the
Power Down mode, the overflow will generate a
²warm
reset
², where only the Program Counter and SP are re-
set to zero. To clear the contents of the WDT, including
the WDT prescaler, three methods can be used; an ex-
ternal reset (a low level to RES), a software instruction
and a
²HALT² instruction. The software instruction in-
cludes
²CLR WDT² instruction and the instruction pair -
²CLR WDT1² and ²CLR WDT2². Of these two types of
instruction, only one can be active depending on the
configuration option
-²CLR WDT times selection op -
tion
².Ifthe ²CLR WDT² is selected, i.e. CLRWDT times
equal one, any execution of the
²CLR WDT² instruction
will clear the WDT. In the case that
²CLR WDT1² and
²CLR WDT2² are chosen, i.e. CLRWDT times equal
two, these two instructions must be executed to clear
the WDT; otherwise, the WDT may reset the chip as a
result of a time-out.
Power Down Operation
- HALT
The Power Down mode is initialized by the
²HALT² in-
struction and results in the following...
· The system oscillator will be turned off but the WDT
oscillator keeps running, if the internal WDT oscillator
has been selected as the WDT source clock.
· The contents of the on chip RAM and registers remain
unchanged.
· The WDT and WDT prescaler will be cleared and will
resume counting, if the internal WDT oscillator has
been selected as the WDT source clock
· All of the I/O ports will maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the Power Down Mode by means
of an external reset, an interrupt, an external falling
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
O p t i o n
S e l e c t
W D T
O S C
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com