Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R38 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT45R38
Description  C/R to F Type 8-Bit OTP MCU
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R38 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT45R38 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
HT45R38
Rev. 1.00
21
December 13, 2006
Input/Output Ports
There are 29 bidirectional input/output lines in the
microcontroller, labeled as PA, PB, PC and PE, which
are mapped to the data memory at [12H], [14H], [16H]
and [18H] respectively. All of these I/O ports can be
used for input and output operations. For input opera-
tion, these ports are non-latching, that is, the inputs
must be ready at the T2 rising edge of instruction
²MOV
A,[m]
² (m=12H, 14H, 16H or 18H). For output operation,
all the data is latched and remains unchanged until the
output latch is rewritten.
Each I/O line has its own control register, known as
PAC, PBC, PCC and PEC, to control the input/output
configuration. With this control register, a CMOS output
or schmitt trigger input with or without pull-high resistor
structures can be reconfigured dynamically, i.e.
on-the-fly, under software control. To function as an in-
put, the corresponding latch of the control register must
written with a
²1². The input source also depends on the
control register. If the control register bit is
²1², the input
will read the pad state. If the control register bit is
²0²,
the contents of the latches will move to the internal bus.
The latter is possible in the
²read-modify-write² instruc-
tion.
For an output function, CMOS is the only configuration.
These control registers are mapped to locations 13H,
15H, 17H and 19H. After a chip reset, the port control
registers will default to a high state, which is an input
condition. They may be floating or be pulled high if
pull-high resistors are connected. Each bit of these in-
put/output latches can be set or cleared by
²SET [m].i²
and
²CLR [m].i² (m=12H, 14H, 16H or 18H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device. The highest bits, 5,6 and 7, of port E are not
physically implemented; on reading them a
²0² is re-
turned whereas writing to them results in no operation.
Each I/O line has a pull-high configuration option. It
should be noted that an input line without a connected
pull-high resistor will be in a floating state.
PA0, PA1, PA3, PA4, PA5 and PA6 are pin-shared with
PWM0, PWM1, INT0, INT1, TMR0 and TMR1 pins, re-
spectively.
The PE port can also be used as A/D converter inputs.
The A/D function will be described later.
The PWM outputs are shared with pins PA0/PA1. If the
PWM function is enabled, the PWM0/PWM1 signals will
appear on PA0/PA1. Note that PA0/PA1 must be setup
as outputs for the PWM output to function. The I/O func-
tions of PA0/PA1 are as shown.
I/O Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PWM)
O/P
(PWM)
PA0
PA1
Logical
Input
Logical
Output
Logical
Input
PWM0
PWM1
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruction
to avoid consuming power under input floating state.
V D D
M
U
X
M
U
X
O P 0 ~ O P 7
I N T 0 f o r P A 3 O n l y
I N T 0 f o r P A 4 O n l y
T M R 0 f o r P A 5 O n l y
T M R 1 f o r P A 6 O n l y
S y s t e m W a k e - u p ( P A o n l y )
R e a d D a t a R e g i s t e r
C o n t r o l B i t P u l l - h i g h
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P A 0 / P W M 0
P A 1 / P W M 1
P A 2
P A 3 / I N T 0
P A 4 / I N T 1
P A 5 / T M R 0
P A 6 / T M R 1
P A 7
P B 0 ~ P B 7
P C 0 ~ P C 7
P E 0 / A N 0 ~ P E 4 / A N 4
D
Q
C K
S
Q
D
Q
C K
S
Q
E N ( P W M x )
P A 0 / P A 1
P W M 0 / P W M 1
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com