Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45R38 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45R38
Description  C/R to F Type 8-Bit OTP MCU
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R38 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45R38 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R38 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Options
Description
PA0/PWM0
PA1/PWM1
PA2
PA3/INT0
PA4/INT1
PA5/TMR0
PA6/TMR1
PA7
I/O
Pull-high
Wake-up
Interrupt Enable
Interrupt Active
Edge Type
PWM
Bidirectional 8-bit I/O port. Each pin can be configured as a wake-up input
by configuration code options. Software instructions determine if the pin is a
CMOS output or Schmitt trigger input. Pull-high resistors can be connected
to each pin via configuration options.
Pins PA3 and PA4 are pin-shared with external interrupt input pins INT0
and INT1, respectively. Configuration options determine the interrupt en-
able/disable and the interrupt low/high trigger type. Pins PA5 and PA6 are
pin-shared with the external timer input pins TMR0 and TMR1. The
PWM0/PWM1 output functions are pin-shared with PA0/PA1, respectively.
PB0~PB7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if the
pin is a CMOS output or Schmitt trigger input. Pull-high resistors can be
added to the whole port via a configuration option.
PC0~PC7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if the
pin is a CMOS output or Schmitt trigger input. Pull-high resistors can be
added to the whole port via a configuration option.
OPN
OPP
I
¾
OPN is the OPA inverting input pin
OPP is the OPA non-inverting input pin
PE0/AN0/OPO
PE1/AN1
PE2/AN2
PE3/AN3
PE4/AN4
I/O
Pull-high
Bidirectional 5-bit input/output port. Software instructions determine if the
pin is a CMOS output or Schmitt trigger input. Pull-high resistors can be
connected to each pin via configuration options.
PE0~PE4 are pin-shared with the A/D input pins. The A/D inputs are se-
lected via software instructions. Once selected as an A/D input, the I/O
function and pull-high resistor are disabled automatically.
The OPO is the OPA output pin and pin-shared with PE0/AN0.
RC1~RC12
I
¾
Capacitor or resistor connection pins
RCOUT
I
¾
Capacitor or resistor connection pin to RC OSC
IN
I
¾
Oscillation input pin
RREF
O
¾
Reference resistor connection pin
CREF
O
¾
Reference capacitor connection pin
RES
I
¾
Schmitt trigger reset input. Active low
HT45R38
Rev. 1.00
3
December 13, 2006
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
3 4
3 5
3 6
3 7
3 8
3 9
4 8
4 9
5 0
5 1
5 2
2 3 2 4 2 5 2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
4 0
4 1
4 2
4 3
4 4
4 5
4 6
4 7
H T 4 5 R 3 8
5 2 Q F P - A
P E 1 / A N 1
P E 2 / A N 2
P E 3 / A N 3
P E 4 / A N 4
R C 1 2
R C 1 1
R C 1 0
R C 9
R C 8
R C 7
R C 6
R C 5
R C 4
P A 5 / T M R 0
P A 6 / T M R 1
P A 7
P B 0
P B 1
P B 2
P B 3
V D D B
P B 4
P B 5
P B 6
P B 7
P C 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com