Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL6 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CL6
Description  Linear, Fixed, 100mA Constant Current LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL6 Datasheet(HTML) 1 Page - Supertex, Inc

  CL6 Datasheet HTML 1Page - Supertex, Inc CL6 Datasheet HTML 2Page - Supertex, Inc CL6 Datasheet HTML 3Page - Supertex, Inc CL6 Datasheet HTML 4Page - Supertex, Inc CL6 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CL6
Features
100mA ±5% constant current drive
Built-in reverse polarity protection
Dimmable via PWM supply
Overtemperature protection
Tab ground allows direct heatsinking to chassis
90V max rating for transient immunity
Applications
Flashlights
Specialty lighting
Low voltage signage
Low voltage lighting
This device is not rated for automotive applications
►
►
►
►
►
►
►
►
►
►
►
General Description
The CL6 is a fixed, linear current regulator designed for driving
high brightness LEDs at 100mA from nominal 12V, 24V, or 48V
supplies. With a maximum rating of 90V, it is able to withstand
transients without the need for additional transient protection
circuitry.
The CL6 is offered in both D-PAK and TO-220 packages. The
tab on the TO-220 is ground, allowing heatsinking directly to a
chassis without the need for electrically insulating spacers.
Overtemperature protection shuts off the LED current when
the die temperature rises above 135°C (nominal). Full LED
current resumes when the die temperature falls below 105°C
(nominal).
Typical Application Circuit
Linear, Fixed, 100mA
Constant Current LED Driver
Control
V
IN
OUT
GND
VDD
100m A
CL6


Similar Part No. - CL6

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL60H00-000 WABASH-CL60H00-000 Datasheet
862Kb / 2P
Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL60H00-0CT WABASH-CL60H00-0CT Datasheet
862Kb / 2P
Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL60H01-000 WABASH-CL60H01-000 Datasheet
862Kb / 2P
Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL60H01-0CT WABASH-CL60H01-0CT Datasheet
862Kb / 2P
Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
CL60H02-000 WABASH-CL60H02-000 Datasheet
862Kb / 2P
Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
More results

Similar Description - CL6

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL7 SUTEX-CL7 Datasheet
484Kb / 4P
Linear, 100mA, Constant Current LED Driver with Enable
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
Linear, Fixed Constant Current LED Driver
CL520 SUTEX-CL520 Datasheet
831Kb / 6P
Linear, Fixed Constant Current LED Driver
CL7 SUTEX-CL7_14 Datasheet
454Kb / 5P
Linear, 100mA, Constant Current LED Driver with Enable Input
CL6 SUTEX-CL6_13 Datasheet
785Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com