Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL6 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL6
Description  Linear, Fixed, 100mA Constant Current LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL6 Datasheet(HTML) 2 Page - Supertex, Inc

  CL6 Datasheet HTML 1Page - Supertex, Inc CL6 Datasheet HTML 2Page - Supertex, Inc CL6 Datasheet HTML 3Page - Supertex, Inc CL6 Datasheet HTML 4Page - Supertex, Inc CL6 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
CL6
Ordering Information
Device
Package Options
3-Lead TO-220
TO-252 (D-PAK)
CL6
CL6N5-G
CL6K4-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Supply voltage, V
DD
-25V to +100V
Output voltage, V
OUT
-25V to +100V
Operating junction temperature
-40°C1
Storage temperature
-65°C to +150°C
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Thermal Characteristics
Guaranteed by design – not production tested
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
1. Maximum junction temperature internally limited.
Pin Configurations
I
OUT vs Temperature
Pin
Name
Description
V
DD
V
DD
Supply voltage for the CL6
OUT
Output
Connect the LED between this pin
and the supply voltage
GND
Ground
Circuit common
θ
jc
Thermal resistance,
junction to case
TO-220
-
2.5
-
OC/W
---
---
D-PAK
-
1.3
-
θ
ja
Thermal resistance,
junction to ambient
TO-220
-
62
-
OC/W
---
D-PAK
-
40
-
Soldered to 2cm2 exposed copper area
T
LIM
Overtemperature limit
120
135
150
OC
---
T
HYS
Overtemperature hysteresis
-
30
-
OC
---
Pin Designation
25
0
-25
-50
50
75
100 125
Temperature (OC)
1.00
0.95
0.90
0.85
1.05
GND
VDD
OUT
VDD
OUT
GND
D-PAK (TO-252)
TO-220



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com