Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL6 Datasheet(PDF) 5 Page - Supertex, Inc

Part # CL6
Description  Linear, Fixed, 100mA Constant Current LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL6 Datasheet(HTML) 5 Page - Supertex, Inc

  CL6 Datasheet HTML 1Page - Supertex, Inc CL6 Datasheet HTML 2Page - Supertex, Inc CL6 Datasheet HTML 3Page - Supertex, Inc CL6 Datasheet HTML 4Page - Supertex, Inc CL6 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Doc.# DSFP-CL6
NR021407
CL6
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
3-Lead TO-220 (Power Package) Package Outline (N5)
Symbol
A
A1
A2
b
b2
c
D
D1
D2
E
E1
E2
e
H1
L
L1
Q
ΦP
Dimension
(inches)
MIN
.140
.020
.080
.015
.045
.014
.560
.330
.480
.380
.270
-
.100
BSC
.230
.500
-
.100
.139
NOM
---
.027
.057
-------
-----
MAX
.190
.055
.115
.040
.070
.024
.650
.355
.507
.420
.350
.030
.270
.580
.250
.135
.161
JEDEC Registration TO-220, Variation AB, Issue K, April 2002.
Drawings not to scale.
L
A2
A
e
Detail
B
12
3
D
D1
Q
4
E2
E
ΦP
Seating
Plane
A1
A
A
Chamfer
Optional
H1
E
D2
Thermal
Pad
Front View
Side View
View A - A
L1
b
b2
1
2
3
E1
Detail B
c



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com