Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL7 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CL7
Description  Linear, 100mA, Constant Current LED Driver with Enable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL7 Datasheet(HTML) 1 Page - Supertex, Inc

  CL7 Datasheet HTML 1Page - Supertex, Inc CL7 Datasheet HTML 2Page - Supertex, Inc CL7 Datasheet HTML 3Page - Supertex, Inc CL7 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CL7
General Description
The CL7 is a linear fixed current regulator designed for
driving high brightness LEDs at 100mA from nominal 12V,
24V, and 48V power supplies. With a maximum rating of
90V, it is able to withstand transients without the need for
additional transient protection circuitry. The CL7 is offered
in the Power SO-8 package.
An active low enable input (EN) allows logic level control
of the LED for on/off control or PWM dimming. The enable
input has 100kΩ pull-down resistance. For applications not
needing an enable input, refer to the CL6 data sheet.
Overtemperature protection shuts off the LED current
when the die temperature rises above 135°C (nominal).
Full LED current resumes when the die temperature falls
below 105°C (nominal).
Typical Application Circuit
Linear, 100mA, Constant Current
LED Driver with Enable
Control
VDD
OUT
GND
EN
VIN
100mA
Host
Controller
100kΩ
CL7
Features
100mA ±5% constant current drive
Built-in reverse polarity protection
Logic level enable
Dimmable via EN pin
Overtemperature protection
90V max rating for transient immunity
Applications
Flashlights
Specialty lighting
Low voltage signage
Low voltage lighting
This device is not rated for automotive applications!


Similar Part No. - CL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
HERMETICALLY SEALED TO-5 CASE
CL703 ETC2-CL703 Datasheet
39Kb / 1P
HERMETICALLY SEALED TO-5 CASE
CL703A ETC2-CL703A Datasheet
39Kb / 1P
HERMETICALLY SEALED TO-5 CASE
CL703L ETC2-CL703L Datasheet
39Kb / 1P
HERMETICALLY SEALED TO-5 CASE
CL703L/2 ETC2-CL703L/2 Datasheet
39Kb / 1P
HERMETICALLY SEALED TO-5 CASE
More results

Similar Description - CL7

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL6 SUTEX-CL6 Datasheet
549Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
Linear Constant Current LED Driver, Fixed 100mA
logo
Supertex, Inc
CL7 SUTEX-CL7_14 Datasheet
454Kb / 5P
Linear, 100mA, Constant Current LED Driver with Enable Input
CL6 SUTEX-CL6_13 Datasheet
785Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
logo
QX Micro Devices Co.,Lt...
QX7137 QXMD-QX7137 Datasheet
1Mb / 2P
Low-power LED constant current driver with enable control
logo
Maxic Technology Corpor...
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com