Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL7 Datasheet(PDF) 4 Page - Supertex, Inc

Part # CL7
Description  Linear, 100mA, Constant Current LED Driver with Enable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL7 Datasheet(HTML) 4 Page - Supertex, Inc

  CL7 Datasheet HTML 1Page - Supertex, Inc CL7 Datasheet HTML 2Page - Supertex, Inc CL7 Datasheet HTML 3Page - Supertex, Inc CL7 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Doc.# DSFP-CL7
NR021407
CL7
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
8-Lead SOIC (Narrow Body w/Heat Slug) Package Outline (SG)
4.90x3.90mm body, 1.70mm height (max), 1.27mm pitch
Symbol
A
A1
A2
b
D
D1
E
E1
E2
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN
1.25
0.00
1.25
0.31
4.80
3.30*
5.80
3.80
2.29*
1.27
BSC
0.25
0.40
1.04
REF
0.25
BSC
0O
5O
NOM
-
-
-
-
4.90
-
6.00
3.90
-
-
-
-
-
MAX
1.70
0.15
1.70
0.51
5.00
3.81*
6.20
4.00
2.79*
0.50
1.27
8O
15O
JEDEC Registration MS-012, Variation BA, Issue E, Sept. 2005.
Dimensions marked with (*) are non-JEDEC dimensions.
Drawings not to scale.
D
Seating
Plane
Gauge
Plane
L
L1
L2
Top View
Side View
View A-A
View B
View
B
θ1
θ
E1
E
A A2
A1
A
A
Seating
Plane
e
b
h
h
8
1
D1
E2
Bottom View
Exposed
Thermal
Pad Zone
Note 1
Note 1
(Index Area
D/2 x E1/2)
8
1
Note 1:
This chamfer feature is optional. If it is not present, then a Pin 1 identifier must be located in the index area indicated.The Pin 1 identifier may be either a
mold, or an embedded metal or marked feature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com