Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL7 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL7
Description  Linear, 100mA, Constant Current LED Driver with Enable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL7 Datasheet(HTML) 2 Page - Supertex, Inc

  CL7 Datasheet HTML 1Page - Supertex, Inc CL7 Datasheet HTML 2Page - Supertex, Inc CL7 Datasheet HTML 3Page - Supertex, Inc CL7 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
CL7
Ordering Information
Device
8-Lead Power SOIC
CL7
CL7SG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Supply voltage, V
DD
-25V to +100V
Output voltage, V
OUT
-25V to +100V
Enable voltage, V
EN
-0.5V to +6.5V
Operating junction temperature
-40°C1
Storage temperature
-65°C to +150°C
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Thermal Characteristics (Guaranteed by design – not production tested )
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
1. Maximum junction temperature internally limited.
Pin Configurations
GND
GND
GND
GND
EN
VDD
OUT
NC
Underside plate is GND
Power SO-8
I
OUT vs Temperature
25
0
-25
-50
50
75
100 125
Temperature (OC)
1.00
0.95
0.90
0.85
1.05
Pin
Name
Description
V
DD
V
DD
Supply voltage for the CL7
OUT
Output
Connect the LED between this pin
and the supply voltage
GND
Ground
Circuit common
EN
Enable
Active low enable input - this input
has an internal 100kΩ pull-down
resistance
θ
j-a
Thermal resistance,
junction to ambient
Power SO-8
-
67
-
OC/W
Soldered to 2cm2 exposed copper area
T
LIM
Overtemperature limit
120
135
150
OC
---
T
HYS
Overtemperature hysteresis
-
30
-
OC
---
Pin Designation
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Recommended Operating Conditions (all voltages with respect to GND pin)
V
DD
Supply voltage
Normal
Extended
6.5
6.5
-
28
90
V
---
V
OUT
Voltage at OUT pin1
Normal
Extended
4.0
4.0
-
28
90
V
---
T
J
Junction temperature2
-40
-
119
oC
---
1. Continuous operation at high V
OUT voltages may result in activation of overtemperature protection.
Use appropriate heatsinking.
2. Maximum junction temperature internally limited.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com