Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV633 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV633
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV633 Datasheet(HTML) 2 Page - Supertex, Inc

  HV633 Datasheet HTML 1Page - Supertex, Inc HV633 Datasheet HTML 2Page - Supertex, Inc HV633 Datasheet HTML 3Page - Supertex, Inc HV633 Datasheet HTML 4Page - Supertex, Inc HV633 Datasheet HTML 5Page - Supertex, Inc HV633 Datasheet HTML 6Page - Supertex, Inc HV633 Datasheet HTML 7Page - Supertex, Inc HV633 Datasheet HTML 8Page - Supertex, Inc HV633 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HV633
2
Symbol
Parameter
Min
Typ1
Max
Units
Conditions
I
DD
V
DD supply current
12
20
mA
f
SC = 12MHz
fCC = 12MHz
I
DDQ
Quiescent V
DD supply current
200
µA
All V
IN = 0V, VDD = max
I
IH
High-level input current
1.0
50
µA
V
IH = VDD
IIL
Low-level input current
-1.0
-50
µA
VIL = 0V
C
IN
2
Input capacitance (data, LC, SC, CC)
15
pF
V
IN = 0V, f = 1.0MHz
I
OH
High-level output current
-2.0
mA
V
DD = 4.5V
IOL
Low-level output current
2.0
mA
VDD = 4.5V
Notes
1. All typical values are at VDD = 5.0V.
2. Guaranteed by design.
Electrical Characteristics (at T
A = 25°C, over operating conditions unless otherwise specified)
Low-Voltage DC Characteristics (Digital)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
I
DD
V
DD supply current
500
µA
f
SC = 12MHz
f
CC = 12MHz
I
DDQ
Quiescent V
DD supply current
200
µA
All V
IN = 0V, VDD = max
Low-Voltage DC Characteristics (Analog)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
I
PP
V
PP supply current for bias circuit
2.0
mA
Depending on external
bias circuit, see Table 1.
High-Voltage Bias Circuit for Output Variation Control
Symbol
Parameter
Min
Typ
Max
Units
Conditions
I
AOH
High-voltage analog output source current
See Performance Curves
mA
V
PP = 80V
See test circuit
I
AOL
High-voltage analog output sink current
See Performance Curves
mA
V
PP = 80V, VDD = 4.5V
V
AO = 2.0V
ÐV
O
Maximum delta voltage between high voltage outputs
±0.2
V
At all gray levels
of the same level
High-Voltage DC Characteristics
Ordering Information
Device
64-Lead 3-sided Plastic Gullwing
Die
HV633
HV633PG
HV633X
Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
4. Apply VPP.
Power-down sequence should be the reverse of the above.
Absolute Maximum Ratings
Supply voltage, V
DD
1
-0.5V to +7.5V
Supply voltage, VPP
1
-0.5V to +90V
Logic input levels1
-0.5 to V
DD + 0.5V
Ground current 2
1.5A
Continuous total power dissipation3
2.0W
Maximum junction tempertaure
125°C
Storage temperature range
-65°C to +150°C
Lead temperature 1.6mm (1/16 inch)
260°C
from case for 10 seconds
Notes:
1. All voltages are referenced to GND.
2. Duty cycle is limited by the total power dissipated in the package.
3. For operation above 25°C ambient derate linearly to 125°C at 22.2mW/°C.
Package Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com