Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV633 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV633
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV633 Datasheet(HTML) 5 Page - Supertex, Inc

  HV633 Datasheet HTML 1Page - Supertex, Inc HV633 Datasheet HTML 2Page - Supertex, Inc HV633 Datasheet HTML 3Page - Supertex, Inc HV633 Datasheet HTML 4Page - Supertex, Inc HV633 Datasheet HTML 5Page - Supertex, Inc HV633 Datasheet HTML 6Page - Supertex, Inc HV633 Datasheet HTML 7Page - Supertex, Inc HV633 Datasheet HTML 8Page - Supertex, Inc HV633 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HV633
5
Input and Output Equivalent Circuits
VDD
Input
GND
(Logic)
Logic Inputs
GND
(Logic)
Data Out
Logic Data Output
VDD
Internal
Logic
&
Bias
Circuit
VCTL
RCTL
VR
VPP
CH
Q1
Q2
HVOUT
Output Stage Detail
Logic
70V
HV633
0V
Output
Stage
VR
HVGND
LVGND
VPP = 80V
+
–
HVOUT
1K
Ω Vtst
10K
Ω
+
-
1. Set HV
OUT = Low.
2. Apply V
PP = 80V.
3. Apply a step voltage of 70V at V
R (slew rate = 4.1V/µs).
4. Measure voltage across the 1Ký resistor.
5. Output source current can be calculated by using
V
tst
.
1K
Test Circuit
High-voltage Analog Output Source Current (I
AOH)
For gray shade #1 (000 0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com