Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV633 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV633
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV633 Datasheet(HTML) 3 Page - Supertex, Inc

  HV633 Datasheet HTML 1Page - Supertex, Inc HV633 Datasheet HTML 2Page - Supertex, Inc HV633 Datasheet HTML 3Page - Supertex, Inc HV633 Datasheet HTML 4Page - Supertex, Inc HV633 Datasheet HTML 5Page - Supertex, Inc HV633 Datasheet HTML 6Page - Supertex, Inc HV633 Datasheet HTML 7Page - Supertex, Inc HV633 Datasheet HTML 8Page - Supertex, Inc HV633 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HV633
3
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
Conditions
f
SC
Shift clock operating frequency
12
MHz
f
DIN
Data-in frequency
24
MHz
t
SS
CSI/CSO pulse to shift clock setup time
40
ns
t
HS
CSI/CSO pulse to shift clock hold time
0
ns
t
WA
CSI pulse width
49
ns
t
DS
Data to shift clock setup time
20
ns
t
DH
Data to shift clock hold time
0
ns
t
WD
Data-in pulse width
24
ns
t
WLC
Load count pulse width
98
ns
t
DLCR
Load count to ramp delay
1.0
µs
t
DRCC
1
Ramp to count clock delay
0.47
µs
t
DSL
Shift clock to load count delay time
98
ns
t
CSC
Shift clock cycle time
98
ns
t
WSC
Shift clock pulse width
49
ns
t
CCC
Count clock cycle time
98
ns
t
WCC
Count clock pulse width
49
ns
Note 1: Count clock starts counting after 0.47µs min. This is equivalent to a time duration for a linear ramp V
R to ramp from 0 to 3V, assuming the minimum value of TRR,
ramp size time of 12µs for V
R = 80V.
AC Characteristics (V
DD = 5.5V, TA = 25°C)
Logic Timing
Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
t
CR
Cycle time of ramp signal
15
µs
t
RR
Ramp rise time
10.6
µs
t
HR
2
Ramp hold time
2
15
µs
t
FR
Ramp fall time
3
µs
C
LOAD=1nF
V
RAMP Timing
Note 2: The maximum ramp hold time may be longer than 15 µs, but the output voltage HV
OUT will droop due to leakage.
Symbol
Parameter
Min
Typ
Max
Units
V
DD
Low-voltage digital supply voltage
4.5
5.0
5.5
V
V
DD
Low-voltage analog supply voltage
4.5
5.0
5.5
V
V
IH
High-level input voltage (analog and digital)
V
DD -1
V
DD
V
V
IL
Low-level input voltage (analog and digital)
0
1.0
V
VBIAS
IPP control circuit bias voltage
-2.0
0
V
V
CTL
I
PP control circuit control voltage
0
2.0
V
V
PP
High-voltage supply
-0.3
80
V
V
R
Ramp voltage
0
V
PP -2
V
f
SC
Shift clock operating frequency (at V
DD = 5.5V)
12
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com