Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXLDP Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # IXLDP
Description  IXLdp Ultra-Low Differential Pressure Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

IXLDP Datasheet(HTML) 3 Page - Ashcroft, Inc.

  IXLDP Datasheet HTML 1Page - Ashcroft, Inc. IXLDP Datasheet HTML 2Page - Ashcroft, Inc. IXLDP Datasheet HTML 3Page - Ashcroft, Inc. IXLDP Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
of 4
3
IXLdp Ultra-Low Differential Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Si-Glas™, TruAccuracy™, Trust the Shield® are trademarks of Ashcroft Inc.
The following non-Ashcroft trademarks are the property of their respective owners: Lexan®.
For more information, see Ashcroft Brands & Trademarks ©2022 Ashcroft Inc. IXLdp_transducer_ds_RevC_10-24-22
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
IX3
F02
42
ST
2IW
–XNH
Model
IX3 - IXLdp Series, ±0.25% of span, ±0.01% of span T.C. /°F
IX3
IX5 - IXLdp Series, ±0.5% of span, ±0.02% of span T.C. /°F
Pressure Connection
F02 - 1/4 NPT Female
F02
Output Signal
05 - 0-5 Vdc
15 - 1-5 Vdc
16 - 1-6 Vdc
25 - ±2.5 Vdc
42 - 4-20 mA
42
50 - ±5.0 Vdc
Eletrical Termination
ST - Screw Terminal
ST
Pressure Range (Differential)
Unidirectional Ranges
P1IW - 0.10 in. H2O
P2IW - 0.20 in. H2O
P25IW - 0.25 in. H2O
P5IW - 0.50 in. H2O
1IW - 1.00 in. H2O
2IW - 2.00 in. H2O
2IW
2P5IW - 2.50 in. H2O
3IW - 3.00 in. H2O
5IW - 5.00 in. H2O
10IW - 10.00 in. H2O
15IW - 15.00 in. H2O
20IW - 20.00 in. H2O
25IW - 25.00 in. H2O
50IW - 50.00 in. H2O
100IW - 100.00 in. H2O
150IW - 150.00 in. H2O
200IW - 200.00 in. H2O
Bi-directional Ranges
P05IWL - ±0.05 in. H2O
P1IWL - ±0.10 in. H2O
P2IWL - ±0.20 in. H2O
P25IWL - ±0.25 in. H2O
P5IWL - ±0.50 in. H2O
1IWL - ±1.00 in. H2O
2IWL - ±2.00 in. H2O
2P5IWL - ±2.50 in. H2O
3IWL - ±3.00 in. H2O
5IWL - ±5.00 in. H2O
10IWL - ±10.00 in. H2O
15IWL - ±15.00 in. H2O
20IWL - ±20.00 in. H2O
25IWL - ±25.00 in. H2O
50IWL - ±50.00 in. H2O
100IWL - ±100.00 in. H2O
Option (if indicating an option(s) must include an “X”)
–X__
1D - Variable dampening, 0-30 sec
41 - 5:1 Turndown
CL - Custom pressure range calibration
FM - FM Approval (with 4-20 mA output only. FM cannot be offered with options X1D or XX2)
NH - Stainless steel tag
NH
NN - Paper tag
X1 - Fast response time (8 msec)
X2 - Slow response time (1 sec)
(Nine point calibration certificate standard with every unit)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com