Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXLDP Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # IXLDP
Description  IXLdp Ultra-Low Differential Pressure Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

IXLDP Datasheet(HTML) 1 Page - Ashcroft, Inc.

  IXLDP Datasheet HTML 1Page - Ashcroft, Inc. IXLDP Datasheet HTML 2Page - Ashcroft, Inc. IXLDP Datasheet HTML 3Page - Ashcroft, Inc. IXLDP Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
of 4
1
IXLdp Ultra-Low Differential Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Si-Glas™, TruAccuracy™, Trust the Shield® are trademarks of Ashcroft Inc.
The following non-Ashcroft trademarks are the property of their respective owners: Lexan®.
For more information, see Ashcroft Brands & Trademarks ©2022 Ashcroft Inc. IXLdp_transducer_ds_RevC_10-24-22
ashcroft.com
| 1.800.328.8258 | Contact Us
FEATURES
TruAccuracy™- Terminal Point Accuracy method
includes non-linearity, hysteresis, non-repeatability,
zero offset and span setting errors.
Current and voltage output signals available
Custom ranges available
FM approval for hazardous locations (optional)
5:1 turndown option
Si-Glas™ sensor technology enables precise
measurement and control of very low pressures
TYPICAL USES
HVAC/R
Fume hood control
Lab/clean/hospital room pressurization
Laminar flow
Furnace/stack draft
Leak detection
Pollution/filtering monitoring
Medical equipment
Fan tracking
Filter monitoring
Velocity measurements
Building energy management/comfort
control systems
KEY BENEFITS
• Broad temperature capability
• Superior long-term stability and repeatability
• High overpressure protection
• On-board voltage regulation allows use of lower
cost, unregulated power supply
• 3 year warranty
PERFORMANCE SPECIFICATIONS
Reference
Temperature:
70 °F ±2 °F (21 °C ±1 °F)
Accuracy:
±0.25% of span, ±0.5% of span (
Terminal Point
Method: includes non-linearity, hysteresis, non-
repeatability, zero offset and span setting errors)
Stability:
±0.25% of span/year at reference conditions
Media Compatibility: Clean, dry and non-corrosive gas
NOT FOR USE WITH LIQUIDS
Standard Response
Time:
250 ms
ENVIRONMENTAL SPECIFICATIONS
Temperature
Limits:
Storage:
Operating:
Operating (FM):
Compensated:
-40 °F to 210 °F (-40 °C to 99 °C)
-20 °F to 185 °F (-29 °C to 85 °C)
-4 °F to 104 °F (-20 °C to 40 °C)
0 °F to 160 °F (-18 °C to 7 °C)
Thermal Coefficients
0.25% Accuracy:
Zero: ±0.01% of span/°F
Span: ±0.01% of span/°F
Thermal Coefficients
0.5% Accuracy:
Zero: ±0.02% of span/°F
Span: ±0.02% of span/°F
Vibration Sweep:
<0.2% span/g temporary effect 10-130 Hz
Humidity Effects:
No performance effect at 0-95% R.H.
noncondensing
FUNCTIONAL SPECIFICATIONS
Mounting Position
Effect:
≥1 in H2O: ±0.1% of span/g
0.25 in H2O to 0.5 in H2O: ±0.5% of span/g
0.1 in H2O: ±0.8% of span/g
Calibrated horizontally standard unless
otherwise specified. Mounting position effect easily
corrected with zero potentiometer
Max. Static (Line)
Pressure:
100 psi
Proof:
20 psid
Burst:
50 psid
ELECTRICAL SPECIFICATIONS
Circuit Protection:
Reverse wiring protected
Potentiometers:
Internal
Zero: ±10% of span
Span: ±10% of span
Supply Current:
2.6 mA typical for Voltage output
Warm-up Time:
<1 second
IXLdp
Pressure Transducer


Similar Part No. - IXLDP

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXLD02SI IXYS-IXLD02SI Datasheet
164Kb / 6P
Differential 2A Ultra Fast Laser Diode Driver
More results

Similar Description - IXLDP

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
162PC01D HONEYWELL-162PC01D Datasheet
72Kb / 1P
LOW PRESSURE TRANSDUCER
logo
Honeywell Accelerometer...
163PC01D36 HONEYWELL-ACC-163PC01D36 Datasheet
74Kb / 1P
LOW PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
D5100 TEC-D5100 Datasheet
232Kb / 8P
Industrial Differential Pressure Transducer
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
logo
Copal Electronics
PA-920S COPAL-PA-920S Datasheet
1Mb / 4P
Ultra-miniature gas pressure transducer
logo
TE Connectivity Ltd
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com