Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXLDP Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # IXLDP
Description  IXLdp Ultra-Low Differential Pressure Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

IXLDP Datasheet(HTML) 2 Page - Ashcroft, Inc.

  IXLDP Datasheet HTML 1Page - Ashcroft, Inc. IXLDP Datasheet HTML 2Page - Ashcroft, Inc. IXLDP Datasheet HTML 3Page - Ashcroft, Inc. IXLDP Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
of 4
2
IXLdp Ultra-Low Differential Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Si-Glas™, TruAccuracy™, Trust the Shield® are trademarks of Ashcroft Inc.
The following non-Ashcroft trademarks are the property of their respective owners: Lexan®.
For more information, see Ashcroft Brands & Trademarks ©2022 Ashcroft Inc. IXLdp_transducer_ds_RevC_10-24-22
ashcroft.com
| 1.800.328.8258 | Contact Us
Output Signal:
4-20 mA (2-wire) 12-36 Vdc
0-5 Vdc (3-wire) 12-36 Vdc
1-5 Vdc (3-wire) 12-36 Vdc
1-6 Vdc (3-wire) 12-36 Vdc
±2.5 Vdc (3-wire) 12-36 Vdc
±5 Vdc (3-wire) 12-36 Vdc
Output signal is independent of power supply
changes: 12-36 Vdc range without effect on
output signal
PHYSICAL SPECIFICATIONS
Electrical Connection: 1/2˝ Female electrical conduit connections isolated
from the electronics. Separate access cover for
terminal connections
Environmental Rating: NEMA 4X
Process Connection:
1/4 NPT Female
HAZARDOUS SPECIFICATIONS
FM (OPT.) Approval: Intrinsically Safe: Class I, II, III Div. 1
Groups A, B, C, D, E, F and G when properly installed
with an approved FM intrinsically safe barrier.
Non-incendive: Class I, II and III Div. 2, Groups A, B,
C, D, E, F and G (4-20 mA output only)
The output signal is limited to 12-30 Vdc for
FM version units.
Consult Factory for: Other pressure range,temperature compensation,
packaging variations or response times
WETTED MATERIAL
Media:
Clean, dry air/gases compatible with Aluminum,
Titanium, PBT, Buna, Silicon, Glass, Gold, Silicone
RTV and Stainless steel
NOT FOR USE WITH LIQUIDS
NON-WETTED
Housing:
300 Series stainless steel
Ashcroft’s TruAccuracy™ specification is exclusively based on terminal
point methodology instead of statistically derived schemes like
‘best fit straight line’.
TruAccuracy™ means the Ashcroft IXLdp has ±0.25% of span accuracy
out of the box. Zero and span setting errors are already included in the
±0.25% of span accuracy spec. 
The IXLdp is ready to be installed with no additional calibration
adjustments required.
A unit from another manufacturer advertised as ±0.25% best fit
straight line may actually be a ±1.25% to ±2.25% device. Using best
fit straight line method, the accuracy spec does not include zero and
span setting errors, which can be as much as ±1.00% each.
What Does It Mean?
Featuring a highly reliable variable capacitance sensor using the
patented Ashcroft® Si-Glas™ sensor. This ultra-thin single crystal
diaphragm provides inherent sensor repeatability and stability.
SENSOR CROSS SECTION
Ashcroft® Si-Glas™ Sensor Technology
Sensor Cross Section
The silicon diaphragm sensor has no glues or
other organics to contribute to drift or mechanical
degradation over time.
LOAD LIMITATIONS 4-20 mA OUTPUT ONLY
Loop Suppl
y Voltage (Vdc)
0
10 12
20 24 30 36 40
0
250
500
750
1,000
1,250
1,091
OPERATING
REGION
545
V
min = 12V+ (0.022A x RL)
R
L
= R
S + RW
R
L
= Loop Resistance (ohms)
R
S = Sense Resistance (ohms)
R
W = Wire Resistance (ohms)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com