Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 12 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC0136_V01 Datasheet HTML 8Page - Texas Instruments AMC0136_V01 Datasheet HTML 9Page - Texas Instruments AMC0136_V01 Datasheet HTML 10Page - Texas Instruments AMC0136_V01 Datasheet HTML 11Page - Texas Instruments AMC0136_V01 Datasheet HTML 12Page - Texas Instruments AMC0136_V01 Datasheet HTML 13Page - Texas Instruments AMC0136_V01 Datasheet HTML 14Page - Texas Instruments AMC0136_V01 Datasheet HTML 15Page - Texas Instruments AMC0136_V01 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
6.3 Feature Description
6.3.1 Analog Input
The high-impedance input buffer on the INP pin feeds a second-order, switched-capacitor, feed-forward ΔΣ
modulator. The modulator converts the analog signal into a bitstream that is transferred across the isolation
barrier, as described in the Isolation Channel Signal Transmission section.
For reduced offset and offset drift, the input buffer is chopper-stabilized with the chopping frequency set at
fCLKIN/16. Figure 6-1 shows the spur at 625kHz that is generated by the chopping frequency for a modulator
clock of 10MHz.
0.1
1
10
100
1000
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
G016
sinc3 filter, OSR = 1, fCLKIN = 10 MHz, fIN = 1 kHz
Figure 6-1. Quantization Noise Shaping
There are two restrictions on the analog input signal. First, if the input voltage exceeds the value specified
in the Absolute Maximum Ratings table, the input current must be limited to 10mA. This limitation is caused
by the device input electrostatic discharge (ESD) diodes turning on. Second, linearity and noise performance
are specified only when the input voltage is within the linear fullscale range (VFSR). VFSR is specified in the
Recommended Operating Conditions table.
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com