Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0136 Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC0136
Description  AMC0136 Precision, ±1V Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC0136 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC0136_V01 Datasheet HTML 17Page - Texas Instruments AMC0136_V01 Datasheet HTML 18Page - Texas Instruments AMC0136_V01 Datasheet HTML 19Page - Texas Instruments AMC0136_V01 Datasheet HTML 20Page - Texas Instruments AMC0136_V01 Datasheet HTML 21Page - Texas Instruments AMC0136_V01 Datasheet HTML 22Page - Texas Instruments AMC0136_V01 Datasheet HTML 23Page - Texas Instruments AMC0136_V01 Datasheet HTML 24Page - Texas Instruments AMC0136_V01 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
7.4 Power Supply Recommendations
In a typical application, the high-side power supply (AVDD) for the AMC0136 is generated from the low-side
supply (DVDD) by an isolated DC/DC converter. A low-cost option is based on the push-pull driver SN6501 and
a transformer that supports the desired isolation voltage ratings.
The AMC0136 does not require any specific power-up sequencing. The high-side power supply (AVDD) is
decoupled with a low-ESR, 100nF capacitor (C1) parallel to a low-ESR, 1μF capacitor (C2). The low-side power
supply (DVDD) is equally decoupled with a low-ESR, 100nF capacitor (C3) parallel to a low-ESR, 1μF capacitor
(C4). Place all four capacitors (C1, C2, C3, and C4) as close to the device as possible. Figure 7-4 shows a
decoupling diagram for the AMC0136.
R3 49.9
from MCU
to MCU
RSNS
AVDD
DVDD
AVDD
AGND
IN
SNSN
DVDD
CLKIN
DOUT
DGND
R1
VAC
C2 1µF
C1 100nF
C4 1µF
C3 100nF
C5 100pF
Figure 7-4. Decoupling of the AMC0136
Capacitors provide adequate effective capacitance under the applicable DC bias conditions experienced in the
application. Multilayer ceramic capacitors (MLCC) typically exhibit only a fraction of the nominal capacitance
under real-world conditions. Consider this factor when selecting these capacitors. This issue is especially acute
in low-profile capacitors, in which the dielectric field strength is higher than in taller components. Reputable
capacitor manufacturers provide capacitance versus DC bias curves that greatly simplify component selection.
7.5 Layout
7.5.1 Layout Guidelines
The Layout Example section provides a layout recommendation showing the critical placement of the decoupling
and filter capacitors. Decoupling and filter capacitors are placed as close as possible to the AMC0136 input pins.
7.5.2 Layout Example
Top Metal
Inner or Bottom Layer Metal
Via
C2
C1
CLKIN (from MCU)
to MCU
DOUT
IN
VAC
DVDD
AGND
DGND
AVDD
Clearance area, keep free of
any conductive materials
R3
C3
C4
Figure 7-5. Recommended Layout of the AMC0136
www.ti.com
AMC0136
SBASAZ0A – AUGUST 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC0136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com