Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109ACSTR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1109ACSTR
Description  Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109ACSTR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1109ACSTR Datasheet HTML 4Page - Semtech Corporation SC1109ACSTR Datasheet HTML 5Page - Semtech Corporation SC1109ACSTR Datasheet HTML 6Page - Semtech Corporation SC1109ACSTR Datasheet HTML 7Page - Semtech Corporation SC1109ACSTR Datasheet HTML 8Page - Semtech Corporation SC1109ACSTR Datasheet HTML 9Page - Semtech Corporation SC1109ACSTR Datasheet HTML 10Page - Semtech Corporation SC1109ACSTR Datasheet HTML 11Page - Semtech Corporation SC1109ACSTR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1109
The internal charge pump charges an external Bucket
capacitor to VSTBY and then connects it in series with
VSTBY to the LDOs supply at a frequency of about
200kHz. This ensures sufficient gate drive voltage for
the LDOs independent of the VCC or the 12V external
supply being available due to start up timing sequence
from the silver box.
The LDO1, and LDO2 output voltages are forced to track
the 3.3V input supply. This feature ensures that during
the start up application of the 3.3V, the LDO1, and LDO2
outputs track the 3.3V within 200mV typical until regula-
tion is achieved. However, the VSTBY should be established
at least 500us, to allow the charge pump to reach its
maximum voltage, before the linear section will track within
200mV. This tracking will sequence the correct start up
timing for the external Chipset and Clock circuitry.
LAYOUT GUIDELINES
Careful attention to layout requirements are necessary
for successful implementation of the SC1109 PWM con-
troller. High currents switching are present in the appli-
cation and their effect on ground plane voltage differen-
tials must be understood and minimized.
1). The high power parts of the circuit should be laid out
first. A ground plane should be used, the number and
position of ground plane interruptions should be such as
to not unnecessarily compromise ground plane integrity.
Isolated or semi-isolated areas of the ground plane may
be deliberately introduced to constrain ground currents
to particular areas, for example the input capacitor and
bottom FET ground.
2). The loop formed by the Input Capacitor(s) (Cin), the
Top FET (Q1) and the Bottom FET (Q2) must be kept as
small as possible. This loop contains all the high current,
fast transition switching. Connections should be as wide
and as short as possible to minimize loop inductance.
Minimizing this loop area will a) reduce EMI, b) lower
ground injection currents, resulting in electrically “cleaner”
grounds for the rest of the system and c) minimize source
ringing, resulting in more reliable gate switching signals.
3). The connection between the junction of Q1, Q2 and
the output inductor should be a wide trace or copper
region. It should be as short as practical. Since this con-
nection has fast voltage transitions, keeping this con-
nection short will minimize EMI. Also keep the Phase con-
nection to the IC short, top FET gate charge currents
flow in this trace.
+
1.5V
+
1.8V
3.3V IN
+
C10
330uF
VTT
5V IN
U4
SC1109A
PWRGD
BCAP-
STBY
PHASE
GND
DH
BST
VOSENSE
SS/EN
BCAP+
VCC
DL
GATE2
GATE1
LDOS1
LDOS2
+
5V STBY
+
12V IN
high current paths.
Heavy Lines indicate
Application Information (Cont.)
3.3V Vin
1.8V Vout
1.5V Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com