Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109ACSTR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1109ACSTR
Description  Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109ACSTR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1109ACSTR Datasheet HTML 9Page - Semtech Corporation SC1109ACSTR Datasheet HTML 10Page - Semtech Corporation SC1109ACSTR Datasheet HTML 11Page - Semtech Corporation SC1109ACSTR Datasheet HTML 12Page - Semtech Corporation SC1109ACSTR Datasheet HTML 13Page - Semtech Corporation SC1109ACSTR Datasheet HTML 14Page - Semtech Corporation SC1109ACSTR Datasheet HTML 15Page - Semtech Corporation SC1109ACSTR Datasheet HTML 16Page - Semtech Corporation SC1109ACSTR Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1109
Typical Characteristics
Typical Icc (Switching section)
Typical Soft start source Current Vss = 0V
Typical Soft start sink Current Vss = 0V
Typical Soft start sink Current Vss = 1.5V
Typical Soft start source Current Vss = 1.5V
Typical ISTBYQ (Linear section)
SC1109 Quiescent Current vs Ta
7.40
7.45
7.50
7.55
7.60
7.65
7.70
7.75
7.80
7.85
7.90
0
10
20304050
6070
Ta(°C.)
Vcc = 5.25
Vcc = 4.75
SC1109 Soft start Source Current vs Ta
9.14
9.16
9.18
9.20
9.22
9.24
9.26
9.28
9.30
9.32
0
102030
40506070
Ta (°C.)
Vcc = 5.25V , Vss = 0V
Vcc = 4.75V , Vss = 0V
SC1109 Soft start Sink Current vs Ta
9.08
9.10
9.12
9.14
9.16
9.18
9.20
9.22
9.24
9.26
9.28
9.30
0
102030
40506070
Ta (°C.)
Vcc = 5.25V , Vss = 0V
Vcc = 4.75V , Vss = 0V
SC1109 Quiescent Current (Linear) vs Ta
3.95
4.00
4.05
4.10
4.15
4.20
4.25
4.30
4.35
4.40
4.45
0
10203040506070
Ta (°C.)
Vcc = 5.25
Vcc = 4.75
SC1109 Soft start Source Current vs Ta
7.94
7.96
7.98
8.00
8.02
8.04
8.06
8.08
8.10
0
102030
40506070
Ta (°C)
Vcc = 4.75V , Vss = 1.5V
Vcc = 5.25V , Vss = 1.5V
SC1109 Soft start Sink Current vs Ta
1.77
1.77
1.78
1.78
1.79
1.79
1.80
0
102030
40506070
Ta (°C.)
Vcc = 4.75V , Vss = 1.5V
Vcc = 5.25V , Vss = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com