Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109ACSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1109ACSTR
Description  Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109ACSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1109ACSTR Datasheet HTML 7Page - Semtech Corporation SC1109ACSTR Datasheet HTML 8Page - Semtech Corporation SC1109ACSTR Datasheet HTML 9Page - Semtech Corporation SC1109ACSTR Datasheet HTML 10Page - Semtech Corporation SC1109ACSTR Datasheet HTML 11Page - Semtech Corporation SC1109ACSTR Datasheet HTML 12Page - Semtech Corporation SC1109ACSTR Datasheet HTML 13Page - Semtech Corporation SC1109ACSTR Datasheet HTML 14Page - Semtech Corporation SC1109ACSTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1109
or more generally,
4
f
)
t
t
(
V
I
P
OSC
f
r
IN
O
SW
⋅
+
⋅
⋅
=
c) Body diode recovery losses are more difficult to esti-
mate, but to a first approximation, it is reasonable to
assume that the stored charge on the bottom FET body
diode will be moved through the top FET as it starts to
turn on. The resulting power dissipation in the top FET
will be:
OSC
IN
RR
RR
f
V
Q
P
⋅
⋅
=
To a first order approximation, it is convenient to only
consider conduction losses to determine FET suitability.
For a 5V in; 2.8V out at 14.2A requirement, typical FET
losses would be:
Using 1.5X Room temp R
DS(ON) to allow for temperature
rise.
e
p
y
T
T
E
FR
)
n
o
(
S
D
m
(
Ω))
W
(
D
Pe
g
a
k
c
a
P
S
2
0
4
3
L
R
I5
19
6
.
1D2
K
A
P
3
0
2
2
L
R
I5
.
0
19
1
.
1D2
K
A
P
0
1
4
4
i
S0
26
2
.
28
-
O
S
BOTTOM FET - Bottom FET losses are almost entirely
due to conduction. The body diode is forced into conduc-
tion at the beginning and end of the bottom switch con-
duction period, so when the FET turns on and off, there
is very little voltage across it, resulting in low switching
losses. Conduction losses for the FET can be determined
by:
)
1
(
R
I
P
)
on
(
DS
2
O
COND
δ
−
⋅
⋅
=
For the example above:
e
p
y
T
T
E
FR
)
n
o
(
S
D
m
(
Ω)P
D
)
W
(e
g
a
k
c
a
P
S
2
0
4
3
L
R
I5
13
3
.
1D2
K
A
P
3
0
2
2
L
R
I5
.
0
13
9
.
0D2
K
A
P
0
1
4
4
i
S0
27
7
.
18
-
O
S
Each of the package types has a characteristic thermal
impedance, for the TO-220 package, thermal impedance
is mostly determined by the heatsink used. For the sur-
face mount packages on double sided FR4, 2 oz printed
circuit board material, thermal impedances of 40oC/W
for the D2PAK and 80oC/W for the SO-8 are readily achiev-
able. The corresponding temperature rise is detailed be-
low:
(
e
s
i
r
e
r
u
t
a
r
e
p
m
e
T
0
)
C
e
p
y
T
T
E
FT
E
F
p
o
TT
E
F
m
o
t
t
o
B
S
2
0
4
3
L
R
I6
.
7
62
.
3
5
3
0
2
2
L
R
I6
.
7
42
.
7
3
0
1
4
4
i
S8
.
0
8
16
.
1
4
1
It is apparent that single SO-8 Si4410 are not adequate
for this application, but by using parallel pairs in each
position, power dissipation will be approximately halved
and temperature rise reduced by a factor of 4.
INPUT CAPACITORS - since the RMS ripple current in the
input capacitors may be as high as 50% of the output
current, suitable capacitors must be chosen accordingly.
Also, during fast load transients, there may be restric-
tions on input di/dt. These restrictions require useable
energy storage within the converter circuitry, either as
extra output capacitance or, more usually, additional in-
put capacitors. Choosing low ESR input capacitors will
help maximize ripple rating for a given size.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com