Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC486 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC486
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC486 Datasheet HTML 11Page - Semtech Corporation SC486 Datasheet HTML 12Page - Semtech Corporation SC486 Datasheet HTML 13Page - Semtech Corporation SC486 Datasheet HTML 14Page - Semtech Corporation SC486 Datasheet HTML 15Page - Semtech Corporation SC486 Datasheet HTML 16Page - Semtech Corporation SC486 Datasheet HTML 17Page - Semtech Corporation SC486 Datasheet HTML 18Page - Semtech Corporation SC486 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
Design Procedure - VDDQ Controller
Prior to designing an output and making component
selections, it is necessary to determine the input voltage
range and the output voltage specifications. For purposes
of demonstrating the procedure an 8A VDDQ output
being used to power VTT at +/-2A for a total IDDQ of
10A will be designed.
The maximum input voltage (V
BAT(MAX)) is determined by
the highest AC adaptor voltage. The minimum input
voltage (V
BAT(MIN)) is determined by the lowest battery
voltage after accounting for voltage drops due to
connectors, fuses and battery selector switches. For the
purposes of this design example we will use a V
BAT range
of 9V to 19.2V.
Four parameters are needed for the output:
1) nominal output voltage, V
OUT (for DDR2 this is 1.8V)
2) static (or DC) tolerance, TOL
ST (we will use +/-4% for
this design )
3) transient tolerance, TOL
TR and size of transient (we will
use +/-100mV for this design).
4) maximum output current, I
OUT (we are designing for
10A)
Switching frequency determines the trade-off between
size and efficiency. Increased frequency increases the
switching losses in the MOSFETs, since losses are a
function of VIN2. Knowing the maximum input voltage and
budget for MOSFET switches usually dictates where the
design ends up. The default R
tON value of 715kΩ is
suggested as a starting point, but it is not set in stone.
The first thing to do is to calculate the on-time, t
ON, at
V
BAT(MIN) and VBAT(MAX), since this depends only upon VBAT,
V
OUT and RtON.
()
s
10
50
V
V
10
37
R
10
3
.
3
t
9
)
MIN
(
BAT
OUT
3
tON
12
)
MIN
(
VBAT
_
ON
−
−
•
+
•
•
+
•
•
=
and
()
s
10
50
V
V
10
37
R
10
3
.
3
t
9
)
MAX
(
BAT
OUT
3
tON
12
)
MAX
(
VBAT
_
ON
−
−
•
+
•
•
+
•
•
=
From these values of t
ON we can calculate the nominal
switching frequency as follows:
()
Hz
t
V
V
f
)
MIN
(
VBAT
_
ON
)
MIN
(
BAT
OUT
)
MIN
(
VBAT
_
SW
•
=
and
()
Hz
t
V
V
f
)
MAX
(
VBAT
_
ON
)
MAX
(
BAT
OUT
)
MAX
(
VBAT
_
SW
•
=
t
ON is generated by a one-shot comparator that samples
V
BAT via RtON, converting this to a current. This current is
used to charge an internal 3.3pF capacitor to V
OUT. The
equations above reflect this along with any internal
components or delays that influence t
ON. For our DDR2
VDDQ example we select R
tON = 715kΩ:
t
ON_VBAT(MIN) = 546ns and tON_VBAT(MAX) = 283ns
f
SW_VBAT(MIN) = 366kHz and fSW_VBAT(MAX) = 332kHz
Now that we know t
ON we can calculate suitable values
for the inductor. To do this we select an acceptable
inductor ripple current. The calculations below assume
50% of I
OUT which will give us a starting place.
() ()H
I
5
.
0
t
V
V
L
OUT
)
MIN
(
VBAT
_
ON
OUT
)
MIN
(
BAT
)
MIN
(
VBAT
•
•
−
=
and
() () H
I
5
.
0
t
V
V
L
OUT
)
MAX
(
VBAT
_
ON
OUT
)
MAX
(
BAT
)
MAX
(
VBAT
•
•
−
=
For our DDR2 VDDQ example:
L
VBAT(MIN) = 0.8µH and LVBAT(MAX) = 1.0µH
We will select an inductor value of 1.5µH to reduce the
ripple current, which can be calculated as follows:
()
P
P
)
MIN
(
VBAT
_
ON
OUT
)
MIN
(
BAT
)
MIN
(
VBAT
_
RIPPLE
A
L
t
V
V
I
−
•
−
=
and
()
P
P
)
MAX
(
VBAT
_
ON
OUT
)
MAX
(
BAT
)
MAX
(
VBAT
_
RIPPLE
A
L
t
V
V
I
−
•
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com