Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC486 Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC486
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC486 Datasheet HTML 18Page - Semtech Corporation SC486 Datasheet HTML 19Page - Semtech Corporation SC486 Datasheet HTML 20Page - Semtech Corporation SC486 Datasheet HTML 21Page - Semtech Corporation SC486 Datasheet HTML 22Page - Semtech Corporation SC486 Datasheet HTML 23Page - Semtech Corporation SC486 Datasheet HTML 24Page - Semtech Corporation SC486 Datasheet HTML 25Page - Semtech Corporation SC486 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
Outline Drawing - MLPQ-24 (4 x 4mm)
E1
e
bxN
D/2
LxN
INCHES
.020 BSC
b
.007
bbb
aaa
N
D1
E
L
e
D
.012
.100
DIM
A1
A2
A
MIN
.000
-
.031
0.30
0.18
.012
0.25
.010
0.50
2.80
0.30
2.55
.004
.004
24
.016
.157
.106
.020
.110
0.10
0.10
24
0.40
4.00
2.70
0.50 BSC
MILLIMETERS
MAX
0.05
-
1.00
DIMENSIONS
MIN
0.00
-
NOM
(.008)
.035
.001
MAX
.002
-
.039
NOM
0.80
0.02
(0.20)
0.90
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
NOTES:
2.
1.
1
2
N
E1 .100 .106 .110 2.55 2.70 2.80
PIN 1
INDICATOR
4.15
3.85
4.00 4.15
3.85
.157
.152
.163
.152
.163
aaa C
A
C
(LASER MARK)
D
E
B
A1
A
A2
SEATING
PLANE
E/2
bbb
C A B
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com