Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC486 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC486
Description  Complete DDR1/2/3 Memory Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC486 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC486 Datasheet HTML 18Page - Semtech Corporation SC486 Datasheet HTML 19Page - Semtech Corporation SC486 Datasheet HTML 20Page - Semtech Corporation SC486 Datasheet HTML 21Page - Semtech Corporation SC486 Datasheet HTML 22Page - Semtech Corporation SC486 Datasheet HTML 23Page - Semtech Corporation SC486 Datasheet HTML 24Page - Semtech Corporation SC486 Datasheet HTML 25Page - Semtech Corporation SC486 Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23
 2006 Semtech Corp.
www.semtech.com
SC486
POWER MANAGEMENT
Layout Guidelines (Cont.)
Key points for the switcher power section:
1) there should be a very small input loop, well decoupled.
2) the phase node should be a large copper pour, but compact since this is the noisiest node.
3) input power ground and output power ground should not connect directly, but through the ground planes instead.
Connecting the control and switcher power sections should be accomplished as follows (see Figure 12 below):
1) Route VDDQ feedback trace in a “quiet” layer away from noise sources.
2) Route DL, DH and LX (low side FET gate drive, high side FET gate drive and phase node) to chip using wide traces
with multiple vias if using more than one layer. These connections are to be as short as possible for loop minimization,
with a length to width ratio less than 20:1 to minimize impedance. DL is the most critical gate drive, with power
ground as its return path. LX is the noisiest node in the circuit, switching between VBAT and ground at high frequencies,
thus should be kept as short as practical. DH has LX as its return path.
3) BST is also a noisy node and should be kept as short as possible.
4) Connect PGND pins on the chip directly to the VDDP decoupling capacitor and then drop vias directly to the
ground plane.
R10 13k0
L1
1u5
PGND1
18
REF
8
EN/PSV
1
TON
2
VDDQS
3
VCCA
5
FB
6
PGD
7
VSSA
4
PGND2
17
DL
19
VDDP
20
ILIM
21
LX
22
DH
23
BST
24
VTTEN
11
VTT
15
PGND2
16
VTTIN
12
VTTIN
13
VTT
14
VTTS
10
COMP
9
PAD
U1
SC486
Q1
IRF7811AV
Q2
FDS6676S
Figure 12: Connecting Control and Switcher Power Sections
Phase nodes (black) to be copper islands (preferred) or wide copper traces. Gate drive traces (red) and phase node
traces (blue) to be wide copper traces (L:W < 20:1) and as short as possible, with DL the most critical. Use multiple
vias when switching between layers. Locate the current limit resistor (R10) at the chip with a kelvin connection to
the phase node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com