Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4602AIMSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4602AIMSTR
Description  High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602AIMSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4602AIMSTR Datasheet HTML 7Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 8Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 9Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 10Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 11Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 12Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 13Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 14Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
After the required inductor value is selected, the proper
selection of the core material is based on the peak in-
ductor current and efficiency requirements. The core
must be able to handle the peak inductor current I
PEAK
without saturation and produce low core loss during the
high frequency operation.
2
I
I
I
p
p
OMAX
PEAK
−
+
=
The power loss for the inductor includes its core loss and
copper loss. If possible, the winding resistance should
be minimized to reduce inductor’s copper loss. The core
loss can be found in the manufacturer’s datasheet. The
inductor’ copper loss can be estimated as follows:
WINDING
LRMS
2
COPPER
R
I
P
⋅
=
Where:
I
LRMS is the RMS current in the inductor. This current can
be calculated as follows:
2
OMAX
LRMS
I
3
1
1
I
I
∆
⋅
+
⋅
=
Output Capacitor Selection
Basically there are two major factors to consider in se-
lecting the type and quantity of the output capacitors.
The first one is the required ESR (Equivalent Series Re-
sistance) which should be low enough to reduce the volt-
age deviation from its nominal one during its load changes.
The second one is the required capacitance, which should
be high enough to hold up the output voltage. Before the
SC4602A/B regulates the inductor current to a new value
during a load transient, the output capacitor delivers all
the additional current needed by the load. The ESR and
ESL of the output capacitor, the loop parasitic inductance
between the output capacitor and the load combined
with inductor ripple current are all major contributors to
the output voltage ripple. Surface mount speciality poly-
mer aluminum electrolytic chip capacitors in UE series
from Panasonic provide low ESR and reduce the total
capacitance required for a fast transient response.
POSCAP from Sanyo is a solid electrolytic chip capacitor
which has a low ESR and good performance for high fre-
quency with a low profile and high capacitance. Above
mentioned capacitors are recommended to use in
SC4602A/B applications.
Input Capacitor Selection
The input capacitor selection is based on its ripple cur-
rent level, required capacitance and voltage rating. This
capacitor must be able to provide the ripple current by
the switching actions. For the continuous conduction
mode, the RMS value of the input capacitor can be cal-
culated from:
I
2
O
I
O
OMAX
)
RMS
(
CIN
V
)
V
V
(
V
I
I
−
⋅
⋅
=
This current gives the capacitor’s power loss as follows:
)
ESR
(
CIN
)
RMS
(
CIN
2
CIN
R
I
P
⋅
=
This capacitor’s RMS loss can be a significant part of the
total loss in the converter and reduce the overall con-
verter efficiency. The input ripple voltage mainly depends
on the input capacitor’s ESR and its capacitance for a
given load, input voltage and output voltage. Assuming
that the input current of the converter is constant, the
required input capacitance for a given voltage ripple can
be calculated by:
)
R
I
V
(
fs
)
D
1
(
D
I
C
)
ESR
(
CIN
OMAX
I
OMAX
IN
⋅
−
∆
⋅
−
⋅
⋅
=
Where:
D = V
O/VI , duty ratio and
DV
I = the given input voltage ripple.
Because the input capacitor is exposed to the large surge
current, attention is needed for the input capacitor. If
tantalum capacitors are used at the input side of the
converter, one needs to ensure that the RMS and surge
ratings are not exceeded. For generic tantalum capaci-
tors, it is wise to derate their voltage ratings at a ratio of
2 to protect these input capacitors.
Power Mosfet Selection
The SC4602A/B can drive a P-MOSFET at the high side
and an N-MOSFET synchronous rectifier at the low side.
The use of the high side P-MOSFET eliminates the need
for an external charge pump and simplifies the high side
gate driver circuit.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com