Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4602AIMSTR Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4602AIMSTR
Description  High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602AIMSTR Datasheet(HTML) 2 Page - Semtech Corporation

  SC4602AIMSTR Datasheet HTML 1Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 2Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 3Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 4Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 5Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 6Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 7Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 8Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC4602A/B
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
All voltages with respect to GND. Currents are positive into, negative out of the specified terminal.
Unless otherwise specified, V
CC = 3.3V, TA = -40
oC to 85oC, T
A = TJ.
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C )7
V
s
u
o
u
n
it
n
o
C
s
t
n
e
r
r
u
C
)
V
R
D
N
,
V
R
D
P
(
s
r
e
v
ir
D
t
u
p
t
u
O
5
2
.
0
±A
)
T
E
S
I
,
S
F
,
P
E
E
L
S
/
C
N
Y
S
,
P
M
O
C
,
E
S
N
E
S
V
(
s
t
u
p
n
I
7
o
t
3
.
0
-V
e
s
a
h
P
7
o
t
3
.
0
-V
s
n
0
5
<
e
s
l
u
p
t
e
s
l
u
P
e
s
a
h
P
7
o
t
2
-V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
m
u
m
i
x
a
MT
J
0
5
1
+C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
C
J
9
.
1
4W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
θ
A
J
1
.
3
1
1W
/
C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3
+C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
ll
a
r
e
v
O
e
g
a
tl
o
V
y
l
p
p
u
S
5
7
.
25
.
5V
p
e
e
l
S
,t
n
e
r
r
u
C
y
l
p
p
u
SV
P
E
E
L
S
/
C
N
Y
S
V
0
=0
15
1A
µ
g
n
it
a
r
e
p
O
,t
n
e
r
r
u
C
y
l
p
p
u
S
5
.
13
A
m
d
l
o
h
s
e
r
h
T
n
o
-
n
r
u
T
C
C
V
5
5
.
25
7
.
2V
s
i
s
e
r
e
t
s
y
H
ff
o
-
n
r
u
T
C
C
V
0
5
1V
m
r
e
i
f
il
p
m
A
r
o
r
r
E
e
c
n
e
r
e
f
e
R
l
a
n
r
e
t
n
IT
A
C
°
5
2
=2
9
7
.
08
.
08
0
8
.
0
V
V
C
C
T
,
V
5
.
5
o
t
V
5
7
.
2
=
A
C
°
5
2
=8
8
7
.
08
.
02
1
8
.
0
T
A
0
4
-
=
o
5
8
o
t
C
o
C4
8
7
.
08
.
06
1
8
.
0
t
n
e
r
r
u
C
s
a
i
B
E
S
N
E
S
V
5
2A
n
n
i
a
G
p
o
o
L
n
e
p
O
)
1
(
V
P
M
O
C
V
8
.
1
o
t
V
4
.
0
=0
70
8B
d
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
)
1
(
4z
H
M
e
t
a
R
w
e
l
S
)
1
(
2s
µ
/
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com