Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4602AIMSTR Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4602AIMSTR
Description  High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4602AIMSTR Datasheet(HTML) 1 Page - Semtech Corporation

  SC4602AIMSTR Datasheet HTML 1Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 2Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 3Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 4Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 5Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 6Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 7Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 8Page - Semtech Corporation SC4602AIMSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
www.semtech.com
SC4602A/B
High Efficiency Synchronous,
Step Down Controller
POWER MANAGEMENT
Revision: January 20, 2006
Description
Features
Applications
Typical Application Circuit
BICMOS Voltage mode PWM controller
2.75V to 5.5V Input voltage range
Output voltages as low as 0.8V
+/-1% Reference accuracy
Sleep Mode (Icc = 10µA typ)
Lossless short circuit current limiting
Combination pulse by pulse & hiccup mode current
limit
High efficiency synchronous switching
Up to 100% Duty cycle range
Synchronization to external clock
8-Pin MSOP surface mount package. Lead-free pack-
age available, fully WEEE and RoHS compliant
Distributed power system
RF power supply
Local microprocessor core power supplies
DSP and I/O power supplies
Battery powered applications
Servers and workstations
The SC4602A/B is a voltage mode step down (buck) regu-
lator controller that provides accurate high efficiency
power conversion from an input supply range of 2.75V
to 5.5V. A high level of integration reduces external com-
ponent count and makes it suitable for low voltage appli-
cations where cost, size and efficiency are critical.
The SC4602A/B drives external complementary power
MOSFETs; P-channel on the high side and N-channel on
the low side. The use of high side P-channel MOSFET
eliminates the need for an external charge pump and
simplifies the high side gate driver. Non-overlap protec-
tion is provided for the gate drive signals to prevent shoot
through of the MOSFET pair. Voltage drop across the P-
channel MOSFET during its conduction is sensed for
lossless short circuit current limiting.
A low power sleep mode can be achieved by forcing the
SYNC/SLEEP pin below 0.8V. A synchronous mode of op-
eration is activated as the SYNC/SLEEP pin is driven by
an external clock. The quiescent supply current in sleep
mode is typically lower than 10µA. A soft start (2.4ms for
the SC4602A and 1.2ms for the SC4602B) is internally
provided to prevent output voltage overshoot during start-
up. A 100% maximum duty cycle allows the SC4602A/B
to operate as a low dropout regulator in the event of a
low battery condition. The SC4602A/B has fixed switch-
ing frequency (300KHz for the SC4602A and 550KHz
for the SC4602B).
The SC4602A/B is an ideal choice for 3.3V, 5V or other
low input supply sytems. It’s available in a 8 pin MSOP
package.
C2
6.8n
R1
5.11k
C7
150u
C1
470p
R6
1.0
R5
1.0
L1
1.6u
C4
22u
M2
Vo = 1.5V (as low as 0.8V )/6A
C10
22u
C11
22u
C12
22u
C13
22u
C9
3.3n
R8
169
R7
4.64k
R9
5.36k
VCC
1
SYNC/SLEEP
2
COMP
3
VSENSE
4
PHASE
5
GND
6
NDRV
7
PDRV
8
U1
SC4602B
C3
4.7u
M1
R15
1
Vin = 2.75V ~ 5.5V
* External components can be modified to provide a V
OUT as low as 0.8V.


Similar Part No. - SC4602AIMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601EVB SEMTECH-SC4601EVB Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTR SEMTECH-SC4601IMSTR Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4601IMSTRT SEMTECH-SC4601IMSTRT Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4603 SEMTECH-SC4603 Datasheet
317Kb / 16P
Very Low Input, MHz Operation, High Efficiency Synchronous Buck
More results

Similar Description - SC4602AIMSTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
Semtech Corporation
SC4601 SEMTECH-SC4601 Datasheet
361Kb / 18P
Low Input, High Efficiency Synchronous, Step Down Controller
SC4605 SEMTECH-SC4605 Datasheet
427Kb / 19P
Low Input, High Efficiency Synchronous, Step Down Controller
logo
Torex Semiconductor
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
High Efficiency, Synchronous Step-Down Controller
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
STMicroelectronics
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
High-efficiency step-down controller
20-Aug-2008
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
High Voltage Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com