Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA821 Datasheet HTML 5Page - Texas Instruments INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VREF = 0V, RL = 10kΩ connected to ground, and G =1V/V (unless otherwise noted)
Offset Voltage Drift (µV/°C)
0
5
10
15
20
-8
-4
0
4
8
N = 58
Mean = –1.23μV/°C
Std. dev. = 2μV/°C
G = 0.125V/V
Figure 6-7. Distribution of Offset Voltage Drift (RTI)
Input-referenced offset voltage drift (µV/°C)
0
5.5
11
16.5
22
-1
-0.5
0
0.5
1
N = 58
Mean = –0.14μV/°C
Std. dev. = 0.26μV/°C
G = 1V/V
Figure 6-8. Distribution of Offset Voltage Drift (RTI)
Input-referenced offset voltage drift (µV/°C)
0
5
10
15
20
25
-1
-0.5
0
0.5
1
N = 58
Mean = –0.17μV/°C
Std. dev. = 0.13μV/°C
G = 16V/V
Figure 6-9. Distribution of Offset Voltage Drift (RTI)
Typical unit shown
.
Figure 6-10. Offset Voltage (RTI) vs VICM
Power Supply Rejection Ratio ( V/V)
0
10
20
30
40
50
-4
-3
-2
-1
0
1
2
3
4
N = 1767
Mean = 0.11μV/V
Std. dev. = 0.47μV/V
G = 0.125V/V
Figure 6-11. PSRR Distribution
N = 1767
Mean = 0.14μV/V
Std. dev. = 0.09μV/V
G = 1V/V
Figure 6-12. PSRR Distribution
www.ti.com
PGA849
SBOSAG3A – MARCH 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com