Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
VS = VSOUT = ±15V
VICM = VREF = 0V
VINDIFF = ±1.8V
G = 8V/V
Figure 8-7. Current Consumption versus
Differential Input Voltage
VS = VSOUT = ±15V
VICM = VREF = 0V
VINDIFF = ±0.9V
G = 16V/V
Figure 8-8. Current Consumption versus
Differential Input Voltage
8.2 Typical Applications
8.2.1 Driving a Single-Ended Input SAR ADC
Figure 8-9 shows the schematic for a 16-bit, precision, 1MSPS, successive approximation register (SAR),
analog-to-digital converter (ADC). This circuit is used to measure the driving capability of the PGA849 with the
ADS8860 single-ended input ADC.
ADS8860
Single-Ended
SAR ADC
INP
INN
5.3V
AVSS
REF6250
5.0V
Reference
RDIV1
±0.05%
10k
REF6050
5.0V
Reference
1k
OPA192
+
–
RISO
20
RF
2k
5.3V
IN+
IN–
10pF
10pF
15V
100nF
–15V
100nF
DA_IN–
+
OUT
IN+
IN–
DA_IN+
+
PGA849
+
Gain Network
A0
A1
A2
A0
A1
A2
Overvoltage
Protection
Overvoltage
Protection
VS+
DGND
–
–
–
REF
LVDD
VS–
LVSS
5.3V
1µF
REFIN
PGA849
REF Voltage
2.5V
100pF
100nF
CFB
100pF
CFB
100pF
22µF
0.22
CCM
120pF
RFIL
15
CDIFF
1.2nF
RFIL
15
CCM
120pF
22nF
10nF
RDIV2
±0.05%
10k
CF
2200pF
100nF
100
100
5k
5k
5k
5k
Figure 8-9. Driving the ADS8860 SAR ADC
www.ti.com
PGA849
SBOSAG3A – MARCH 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com