Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments INA821 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
The circuit accepts single-ended or differential input signals. The PGA849 operates with independent input and
output power supplies. In this example, ±15V power supplies are used to power the input-stage, and a unipolar
5.3V supply powers the output-stage. The PGA849 output stage supply is powered by the same 5.3V ADC
supply. The 5.3V output supply operation prevents overloading the ADC inputs during PGA overdrive conditions.
The REF6250 is selected as the ADC voltage reference. The REF6250 is a low-noise, low-drift, precision, 5V
reference connected to the ADS8860 reference input ADC REFIN pin.
The PGA849 output voltage is developed with respect to the REF pin. The REF pin is set to the SAR ADC
midscale voltage by dividing the REF6250 ADC reference with a precision resistive voltage divider. The OPA192
buffer drives the PGA849 REF pin. The OPA192 is a precision amplifier with low offset, low drift and 10MHz
bandwidth.
8.2.1.1 Design Requirements
The design requirements for the application driving the ADS8860 ADC are listed in the following table.
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply voltages
VS± = ±15V, LVDD = 5.3V, LVSS = GND, ADC REFIN = 5V
PGA849 reference pin
VREF = 2.5V
Full-scale range of ADC
FSR = 5V
Sampling rate of ADC
fSAMPLE = 1MSPS
PGA gain
0.125, 0.25, 0.5, 1, 2,4, 8, 16
Input voltages (VPP, differential)
25V, 16V, 8V, 4V, 2V, 1V, 0.5V, 0.25V
Signal frequency
1kHz
RC kickback filter
RFIL = 15Ω, CDIFF = 1.2nF, CCM = 120pF
8.2.1.2 Detailed Design Procedure
The first filter located at the input of the PGA (see Figure 8-9) helps reduce electromagnetic interference (EMI)
and radio frequency interference (RFI), high-frequency, extrinsic noise. This filter can be customized per the
application bandwidth and antialiasing requirements.
The second filter is provided by CFB in parallel with the PGA 5kΩ feedback resistors. The PGA resistors are
±15% absolute tolerance, as such, consider the effect of the tolerance on the filter cutoff frequency. CFB = 100pF
results in a filter cutoff frequency of 318kHz. On the high side of the resistor tolerance, the filter frequency
changes to 277kHz. The device allows for the flexibility to modify the CFB capacitor value to adjust bandwidth,
with a trade-off on the broadband noise of the circuit.
The third filter placed at the ADS8860 inputs works as a charge reservoir filter to drive the SAR ADC. The
charge kickback filter reduces the instantaneous charge demand of the amplifier, maintaining low distortion
that otherwise can degrade because of incomplete ADC sample-and-hold settling. The RC filter combination
(RFIL, CDIFF) is tuned for ADC sample-and-hold settling and total harmonic distortion (THD) performance, while
maintaining stability of the PGA. High-grade C0G capacitors are used everywhere in the signal path for the low
distortion properties.
The PGA849 front-end, accounting for all three filters, provides a nominal f–3dB bandwidth of 310kHz. On the
high side of the internal 5kΩ feedback resistor tolerance, the PGA849 f–3dB bandwidth changes to 271kHz and
the circuit maintains –0.1dB flatness to 41kHz.
The ADS8860 requires a full-scale input in the range of 0V to the 5V ADC reference. The PGA849 REF pin is set
to a nominal voltage of 2.5V to shift the signal to the ADC midscale voltage.
The PGA849 REF voltage is generated by feeding the REF6250 5V reference through a 10kΩ-to-10kΩ precision
voltage divider implemented with ±0.05% tolerance, low-drift ±5ppm/°C resistors. Drive the PGA849 REF pin
with a low-impedance source, and use an op amp like the OPA192 as a buffer to drive the REF pin.
PGA849
SBOSAG3A – MARCH 2024 – REVISED DECEMBER 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com